Electronic Components Datasheet Search
  English  ▼

X  

TOP257EN Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # TOP257EN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP257EN Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button TOP257EN Datasheet HTML 16Page - Power Integrations, Inc. TOP257EN Datasheet HTML 17Page - Power Integrations, Inc. TOP257EN Datasheet HTML 18Page - Power Integrations, Inc. TOP257EN Datasheet HTML 19Page - Power Integrations, Inc. TOP257EN Datasheet HTML 20Page - Power Integrations, Inc. TOP257EN Datasheet HTML 21Page - Power Integrations, Inc. TOP257EN Datasheet HTML 22Page - Power Integrations, Inc. TOP257EN Datasheet HTML 23Page - Power Integrations, Inc. TOP257EN Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Rev. F 01/09
20
TOP252-262
www.powerint.com
Typical Uses of MULTI-FUNCTION (M) Pin (cont.)
PI-4757-120307
DC
Input
Voltage
Sense Output Voltage
+
-
DM
S
C
V
UV = IUV × RLS +VM (IM = IUV)
V
OV =IOV ×RLS +VM (IM = IOV)
For R
LS = 4 M
V
UV = 102.8 VDC
V
OV = 451 VDC
DC
MAX @ 100 VDC = 76%
DC
MAX @ 375 VDC = 41%
CONTROL
R
LS
4 M
10 k
Q
R
Reset
Figure 40. Line-Sensing for Undervoltage, Overvoltage, Line Feed-Forward and
Latched Output Overvoltage Protection with Device Reset.
PI-4736-060607
DC
Input
Voltage
+
-
D
S
C
R
IL
R
MC
24 k
12 k
M
CONTROL
Q
R
2R
IL
R
MC =
Q
R can be an optocoupler
output or can be replaced
by a manual switch.
ON/OFF
7 k
Figure 39. Active-off Remote ON/OFF with Externally Set Current Limit
(see M Pin Operation Description).
PI-4735-092107
DC
Input
Voltage
+
-
D
S
C
Q
R
R
IL
M
CONTROL
12 k
For R
IL =
I
LIMIT = 61%
Q
R can be an optocoupler
output or can be replaced
by a manual switch.
ON/OFF
16 k
19 k
For R
IL =
I
LIMIT = 37%
Figure 38. Active-on Remote ON/OFF with Externally Set Current Limit
(see M Pin Operation Description).
PI-2519-040501
DC
Input
Voltage
+
-
D
S
C
Q
R
ON/OFF
M
CONTROL
Q
R can be an optocoupler
output or can be replaced
by a manual switch.
47 k
Figure 37. Active-on (Fail Safe) Remote ON/OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com