Electronic Components Datasheet Search
  English  ▼

X  

TLE4209G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4209G
Description  Automotive Power
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4209G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4209G Datasheet HTML 2Page - Infineon Technologies AG TLE4209G Datasheet HTML 3Page - Infineon Technologies AG TLE4209G Datasheet HTML 4Page - Infineon Technologies AG TLE4209G Datasheet HTML 5Page - Infineon Technologies AG TLE4209G Datasheet HTML 6Page - Infineon Technologies AG TLE4209G Datasheet HTML 7Page - Infineon Technologies AG TLE4209G Datasheet HTML 8Page - Infineon Technologies AG TLE4209G Datasheet HTML 9Page - Infineon Technologies AG TLE4209G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TLE4209G
General Product Characteristics
Data Sheet
6
Rev. 1.3, 2008-02-04
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Operating Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Supply voltage
V
S
-0.3
45
V
–
4.1.2
Supply voltage
V
S
-1
–
V
t < 0.5 s;
I
S > -2 A
4.1.3
Logic input voltages
(FB, REF, RANGE, HYST)
V
I
-0.3
20
V
–
Currents
4.1.4
Output current (OUT1, OUT2)
I
OUT
–
–
A
internally limited
4.1.5
Output current (Diode)
I
OUT
-0.9
0.9
A
–
4.1.6
Input current
(FB, REF, RANGE, HYST)
I
IN
-2
-6
2
6
mA
mA
t < 2 ms; t/T < 0.1
Temperatures
4.1.7
Junction temperature
T
j
-40
150
°C–
4.1.8
Storage temperature
T
stg
-50
150
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Supply voltage
V
S
818
V
After
V
S rising
above
V
UV ON
4.2.2
Supply voltage increasing
V
S
-0.3
V
UV ON
V
Outputs in tristate
4.2.3
Supply voltage decreasing
V
S
-0.3
V
UV OFF
V
Outputs in tristate
4.2.4
Output current
I
OUT1-2
-0.7
0.7
A
–
4.2.5
Input current (FB, REF)
I
IN
-50
500
µA–
4.2.6
Junction temperature
T
j
-40
150
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com