Electronic Components Datasheet Search
  English  ▼

X  

TLE4209G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4209G
Description  Automotive Power
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4209G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4209G Datasheet HTML 3Page - Infineon Technologies AG TLE4209G Datasheet HTML 4Page - Infineon Technologies AG TLE4209G Datasheet HTML 5Page - Infineon Technologies AG TLE4209G Datasheet HTML 6Page - Infineon Technologies AG TLE4209G Datasheet HTML 7Page - Infineon Technologies AG TLE4209G Datasheet HTML 8Page - Infineon Technologies AG TLE4209G Datasheet HTML 9Page - Infineon Technologies AG TLE4209G Datasheet HTML 10Page - Infineon Technologies AG TLE4209G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
7
Rev. 1.3, 2008-02-04
TLE4209G
General Product Characteristics
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
4.4
Electrical Characteristics
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Junction to Soldeering Point1)
1) Not subject to production test, specified by design.
R
thJSP
–
–
25
K/W
measured to pin 5
4.3.2
Junction to Ambient1)
minimal-footprint
R
thJA
–
130
–
K/W
2)
2) JESD 51-2, 51-3, FR4 76.2 mm
× 114.3 mm × 1.5 mm, 70 µm Cu, minimal footprint
4.3.3
Junction to Ambient1)
additional 600 mm2 CU area
R
thJA
–65
–
K/W
3)
3) JESD 51-2, 51-3, FR4 76.2 mm
× 114.3 mm × 1.5 mm, 70 µm Cu, 600 mm2 CU cooling area connected to Pins: 3, 4, 5,
10, 11, 12
Electrical Characteristics
V
S = 8 V to 18 V, Tj = -40 °C to +150 °C, IOUT1-2 = 0 A, all voltages with respect to ground, positive current flowing
into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Current Consumption
4.4.1
Supply current
I
S
–
1220mA
–
4.4.2
Supply current
I
S
–
2030mA
I
OUT1 = 0.3 A
I
OUT2 = -0.3 A
4.4.3
Supply current
I
S
–
3050mA
I
OUT1 = 0.7 A
I
OUT2 = -0.7 A
Over- and Under Voltage Lockout
4.4.4
UV Switch ON voltage
V
UV ON
–7.4
8V
V
S increasing
4.4.5
UV Switch OFF voltage
V
UV OFF
6.3
6.9
–
V
V
S decreasing
4.4.6
UV ON/OFF Hysteresis
V
UVHY
–0.5
–V
V
UV ON - VUV OFF
4.4.7
OV Switch OFF voltage
V
OV OFF
–
20.5
23
V
V
S increasing
4.4.8
OV Switch ON voltage
V
OV ON
17.5
20
–
V
V
S decreasing
4.4.9
OV ON/OFF Hysteresis
V
OVHY
–0.5
–V
V
OV OFF - VOV ON
Outputs OUT1-2, Saturation Voltages
4.4.10
Source (upper)
I
OUT = -0.3 A
V
SAT U
–
0.901.20V
T
j = 25 °C
4.4.11
Sink (upper)
I
OUT = -0.7 A
V
SAT U
–
1.101.50V
T
j = 25 °C
4.4.12
Sink (lower)
I
OUT = 0.3 A
V
SAT L
–
0.250.40V
T
j = 25 °C
4.4.13
Sink (lower)
I
OUT = 0.7 A
V
SAT L
–
0.450.75V
T
j = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com