Electronic Components Datasheet Search
  English  ▼

X  

TLE4267 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4267
Description  5-V Low Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4267 Datasheet HTML 1Page - Infineon Technologies AG TLE4267 Datasheet HTML 2Page - Infineon Technologies AG TLE4267 Datasheet HTML 3Page - Infineon Technologies AG TLE4267 Datasheet HTML 4Page - Infineon Technologies AG TLE4267 Datasheet HTML 5Page - Infineon Technologies AG TLE4267 Datasheet HTML 6Page - Infineon Technologies AG TLE4267 Datasheet HTML 7Page - Infineon Technologies AG TLE4267 Datasheet HTML 8Page - Infineon Technologies AG TLE4267 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet
4
Rev. 2.5, 2007-03-20
TLE 4267
Figure 1
Pin Configuration (top view)
Table 2
Pin Definitions and Functions
Pin
Symbol
Function
1I
Input; block to ground directly at the IC by a ceramic capacitor
2E2
Inhibit; device is turned on by High signal on this pin; internal
pull-down resistor of 100 k
Ω
3RO
Reset Output; open-collector output internally connected to
the output via a resistor of 30 k
Ω
4GND
Ground; connected to rear of chip
5D
Reset Delay; connect via capacitor to GND
6E6
Hold; see Table 1 for function; this input is connected to output
voltage via a pull-up resistor of 50 k
Ω
7Q
5-V Output; block to GND with 22-
µF capacitor, ESR < 3 Ω
AEP02123
Ι
E2
RO
GND
D
Q
4
3
2
15 6 7
E6
AEP01481
Ι
E2
RO
GND
D
Q
4
3
2
15 6 7
E6
PG-TO220-7-11
PG-TO220-7-12
7
6
5
12 3 4
AEP01724
E6
Q
D
GND
RO
E2
Ι
PG-TO263-7-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com