Electronic Components Datasheet Search
  English  ▼

X  

TLE4267 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4267
Description  5-V Low Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4267 Datasheet HTML 11Page - Infineon Technologies AG TLE4267 Datasheet HTML 12Page - Infineon Technologies AG TLE4267 Datasheet HTML 13Page - Infineon Technologies AG TLE4267 Datasheet HTML 14Page - Infineon Technologies AG TLE4267 Datasheet HTML 15Page - Infineon Technologies AG TLE4267 Datasheet HTML 16Page - Infineon Technologies AG TLE4267 Datasheet HTML 17Page - Infineon Technologies AG TLE4267 Datasheet HTML 18Page - Infineon Technologies AG TLE4267 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Data Sheet
15
Rev. 2.5, 2007-03-20
TLE 4267
Current Consumption
I
q versus
Output Current
I
Q
Output Current Limiting
I
Q versus
Temperature
T
j
Current Consumption
I
q versus
Input Voltage
V
I
Output Current Limiting
I
Q versus
Input Voltage
V
I
AED01490
0
0
Ι
Q
10
20
30
40
50
mA
70
100
200
300
400
mA
600
Ι
q
VΙ = 13.5 V
AED01489
-40
Ι
Q
T
C
0
40
80
160
mA
100
200
300
400
500
700
0
13.5 V
=
Ι
V
j
AED01491
0
0
q
Ι
=
10
20
30
50
R
L
Ι
V
V
Ω
25
5
10
mA
15
0
0
AED01987
Ι
Q
V
V
i
mA
100
200
300
400
500
600
700
10
20
30
40
50
125 C
=
=
C
25
j
T
j
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com