Electronic Components Datasheet Search
  English  ▼

X  

TLE4309 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4309
Description  Adjustable Linear Low Dropout LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4309 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4309 Datasheet HTML 1Page - Infineon Technologies AG TLE4309 Datasheet HTML 2Page - Infineon Technologies AG TLE4309 Datasheet HTML 3Page - Infineon Technologies AG TLE4309 Datasheet HTML 4Page - Infineon Technologies AG TLE4309 Datasheet HTML 5Page - Infineon Technologies AG TLE4309 Datasheet HTML 6Page - Infineon Technologies AG TLE4309 Datasheet HTML 7Page - Infineon Technologies AG TLE4309 Datasheet HTML 8Page - Infineon Technologies AG TLE4309 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Datasheet
4
Rev. 1.0, 2007-03-20
TLE4309
Note: Stresses above the ones listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault
conditions described in the data sheet. Fault conditions are considered as
“outside” normal operating range. Protection functions are not designed for
continuous repetitive operation.
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input
Voltage
V
I
-42
45
V
–
Current
I
I
–
–
mA
internally limited
Output
Voltage
V
Q
-1
40
V
–
Current
I
Q
–
–
mA
internally limited
Reference Input
Voltage
V
REF
-1
16
V
–
Current
I
REF
-2
2
mA
–
Pulse Width Modulation / Enable Input
Voltage
V
PWM
-40
40
V
–
Current
I
PWM
-1
1
mA
–
Temperatures
Junction temperature
T
j
-40
150
°C–
Storage temperature
T
stg
-50
150
°C–
ESD Susceptibility
ESD Resistivity
V
ESD,HBM
-2
2
kV
Human Body Model
1)
1) ESD susceptibility, HBM according to EIA/JESD 22-A114B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com