Electronic Components Datasheet Search
  English  ▼

X  

TLE4309 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4309
Description  Adjustable Linear Low Dropout LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4309 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4309 Datasheet HTML 4Page - Infineon Technologies AG TLE4309 Datasheet HTML 5Page - Infineon Technologies AG TLE4309 Datasheet HTML 6Page - Infineon Technologies AG TLE4309 Datasheet HTML 7Page - Infineon Technologies AG TLE4309 Datasheet HTML 8Page - Infineon Technologies AG TLE4309 Datasheet HTML 9Page - Infineon Technologies AG TLE4309 Datasheet HTML 10Page - Infineon Technologies AG TLE4309 Datasheet HTML 11Page - Infineon Technologies AG TLE4309 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TLE4309
Datasheet
9
Rev. 1.0, 2007-03-20
Application Note: Thermal Considerations
1)
By describing an example, this section shows how the power dissipation and the needed
thermal resistance can be estimated.
For a typical application circuit as shown in Figure 1, the following parameters shall
apply:
•
Number of LEDs in series: 3
•
LED current desired:
I
F = 260 mA
•
LED minimum forward voltage:
V
F,MIN = 3.0 V
•
LED maximum forward voltage:
V
F,MAX = 3.4 V
•
Supply minimum DC voltage:
V
I,MIN = 11.0 V
•
Supply maximum DC voltage:
V
I,MAX = 13.0 V
•
Maximum ambient temperature:
T
a,max = 85 °C
1. Selecting the reference resistor:
The reference resistor
R
REF can be selected by using the formular on page 2 or by taking
the value from the typical performance graph “Output Current versus Reference
Resistor” on Page 7. In order to obtain a LED forward current of
I
F = 260 mA, the graph
shows an reference resistor of
R
REF = 0.68 Ω.
2. Verifying the minimum supply voltage:
In order to be able to drive the LEDs with a constant current, the minimum supply voltage
needed is:
V
I,MIN = VF,MAX,total + Vdr + VREF
whereas
V
F,MAX,total is the maximum forward voltage sum of the LEDs connected in
series,
V
dr the dropout voltage and VREF the reference voltage.
Since the power dissipation is low at a small voltage drop accross the regulator,
V
dr = 0.35 V is assumed. The maximum reference voltags is VREF = 185mV. Therefore,
a minimum supply voltage of 11 V is sufficient for the example given above.
3. Determining the minimum and maximum LED forward current:
The TLE4309 has an accuracy of < 4 %. With a reference resistor of
R
REF =0.68 Ω, the
output current
I
Q will be between 251 mA and 272 mA.
1) This information is given as a hint for the implementation of the device only and shall not be regarded as a
description or warranty of a certain functionality, condition or quality of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com