Electronic Components Datasheet Search
  English  ▼

X  

TLE4678 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4678
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4678 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4678 Datasheet HTML 9Page - Infineon Technologies AG TLE4678 Datasheet HTML 10Page - Infineon Technologies AG TLE4678 Datasheet HTML 11Page - Infineon Technologies AG TLE4678 Datasheet HTML 12Page - Infineon Technologies AG TLE4678 Datasheet HTML 13Page - Infineon Technologies AG TLE4678 Datasheet HTML 14Page - Infineon Technologies AG TLE4678 Datasheet HTML 15Page - Infineon Technologies AG TLE4678 Datasheet HTML 16Page - Infineon Technologies AG TLE4678 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Datasheet
13
Rev. 1.1, 2009-08-27
TLE4678
Voltage Regulator
5.3
Typical Performance Characteristics Voltage Regulator
Output Voltage
V
Q vs.
Junction Temperature
T
j
Output Current Limitation
I
Q,max
vs. Input Voltage
V
I
Output Capacitor Series Resistor
ESR
CQ
vs. Output Current
I
Q
-40
Tj [°C]
-20
20 40
80 100
VQ [V]
VQ -Tj.vsd
5.00
4.98
4.96
5.02
060
140
120
0
VI [V]
20
30
IQ,max
[mA]
SO A.v s d
300
200
100
400
10
40
Tj = 125 °C
Tj = 25 °C
ESR 10 u-IQ .v s d
1
0.1
0.01
ESRCQ
[
Ω]
0
IQ [mA]
80
120
40
160
100
10
CQ
≥ 10 µF;
6V
≤ VI ≤ 28 V;
-40 °C
≤ Tj ≤ 150 °C
Stable
Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com