Electronic Components Datasheet Search
  English  ▼

X  

TLE4678 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4678
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4678 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4678 Datasheet HTML 17Page - Infineon Technologies AG TLE4678 Datasheet HTML 18Page - Infineon Technologies AG TLE4678 Datasheet HTML 19Page - Infineon Technologies AG TLE4678 Datasheet HTML 20Page - Infineon Technologies AG TLE4678 Datasheet HTML 21Page - Infineon Technologies AG TLE4678 Datasheet HTML 22Page - Infineon Technologies AG TLE4678 Datasheet HTML 23Page - Infineon Technologies AG TLE4678 Datasheet HTML 24Page - Infineon Technologies AG TLE4678 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Datasheet
21
Rev. 1.1, 2009-08-27
TLE4678
Reset Function
7.3
Typical Performance Characteristics Reset Function
Undervoltage Reset Switching Thresholds
V
RT,lo, VRT,hi versus Tj
Reset Delay Time
t
d, td,PWR-ON versus
Delay Capacitor
C
D
7.2.15
Power-on Reset Delay Time
t
d,PWR-
ON,100nF
30
43
56
ms
Calculated value;
C
D = 100 nF
2);
C
D discharged to 0 V;
7.2.16
Internal Reset Reaction Time
t
rr,int
–915
µs
C
D = 0 nF
7.2.17
Delay Capacitor
Discharge Time
t
rr,d,100nF
–1.5
3
µs
C
D = 100 nF
2)
7.2.18
Total Reset Reaction Time
t
rr,total,100nF –10.5
18
µs
Calculated Value:
t
rr,d,100nF + trr,int ;
C
D = 100 nF
2)
1) Related Parameters (
V
RT,hi, VRT,hy) are scaled linear when the Reset Switching Threshold is modified.
2) For programming a different delay and reset reaction time, see Chapter 7.1.
Electrical Characteristics: Reset Function (cont’d)
V
I = 13.5 V, Tj = -40 °C to +150 °C,
all voltages with respect to ground, direction of currents as shown in Figure 7 (unless otherwise specified).
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
-40
Tj [°C]
-20
20 40
80 100
VQ [V],
VRT [V]
VRT-Tj .v s d
4,9
4,8
4,7
5.0
060
140
120
VQ
VRT,hi
VRT,lo
Output Undervoltage
Reset Headroom
VRH
Pin RADJ = GND
10
CD [nF]
100
1000
td -CD .v s d
100
10
1
td,
td,PWR-ON
[ms]
td (typ.)
td,PWR-ON (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com