Electronic Components Datasheet Search
  English  ▼

X  

TLE7368 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7368 Datasheet HTML 1Page - Infineon Technologies AG TLE7368 Datasheet HTML 2Page - Infineon Technologies AG TLE7368 Datasheet HTML 3Page - Infineon Technologies AG TLE7368 Datasheet HTML 4Page - Infineon Technologies AG TLE7368 Datasheet HTML 5Page - Infineon Technologies AG TLE7368 Datasheet HTML 6Page - Infineon Technologies AG TLE7368 Datasheet HTML 7Page - Infineon Technologies AG TLE7368 Datasheet HTML 8Page - Infineon Technologies AG TLE7368 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
TLE7368
Overview
Data Sheet
4
Rev. 1.1, 2007-11-08
Description
The TLE7368 device is a multifunctional power supply circuit especially designed for Automotive powertrain
systems using a standard 12 V battery. The device is intended to supply and monitor next generation 32-bit
microcontroller families (13
µm lithography) where voltage levels such as 5 V, 3.3 V or 1.5 V are required.
The regulator follows the concept of its predecessor TLE6368/SONIC, where the output of a pre-regulator feeds
the inputs of the micro’s linear supplies. In detail, the TLE7368 cascades a Buck converter with linear regulators
and voltage followers to achieve lowest power dissipation. This configuration allows to power the application even
at high ambient temperatures.
The step-down converter delivers a pre-regulated voltage of 5.5 V with a minimum peak current capability of 2.5 A.
Supplied by this step down converter two low drop linear post-regulators offer 5 V and 3.3 V (2.6 V) with high
accuracy. The current capability of the regulators is 800 mA and 700 mA. The 3.3 V (2.6 V) linear regulator does
have its own input allowing to insert a dropper from the Buck output to reduce the on chip power dissipation if
necessary. For the same reason, reduction of on chip power dissipation, the 1.5 V core supply follows the concept
of integrated control circuit with external power stage.
Implementing the on board and microcontroller supplies in this way described, allows operation even at high
ambient temperatures.
The regulator system contains the so called power sequencing function which provides a controlled power up
sequence of the three output voltages.
In addition to the main regulators the inputs of two voltage trackers are connected to the 5.5 V Buck converter
output voltage. Their protected outputs follow the main 5 V linear regulator with high accuracy and are able to drive
loads of 50 mA and 105 mA.
To monitor the output voltage levels of each of the linear regulators two independent undervoltage detection
circuits are available. They can be used to implement the reset or an interrupt function.
For energy saving reasons, e.g. while the motor is turned off, the TLE7368 offers a stand-by mode. The stand by
mode can be enabled and disabled either by battery or the microcontroller. In this stand-by mode just the stand-
by regulator remains active and the current drawn from battery is reduced to a minimum for extended battery
lifetime. A selection pin allows to configure the output voltages of the stand-by regulator to the application’s needs.
The input of the stand-by regulator is separated from the high power input of the pre-/post-regulator system.
The TLE7368 is based on Infineon’s Power technology SPT™ which allows bipolar, CMOS and power DMOS
circuitry to be integrated on the same monolithic chip/circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com