Electronic Components Datasheet Search
  English  ▼

X  

TLE7368 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 11Page - Infineon Technologies AG TLE7368 Datasheet HTML 12Page - Infineon Technologies AG TLE7368 Datasheet HTML 13Page - Infineon Technologies AG TLE7368 Datasheet HTML 14Page - Infineon Technologies AG TLE7368 Datasheet HTML 15Page - Infineon Technologies AG TLE7368 Datasheet HTML 16Page - Infineon Technologies AG TLE7368 Datasheet HTML 17Page - Infineon Technologies AG TLE7368 Datasheet HTML 18Page - Infineon Technologies AG TLE7368 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Data Sheet
15
Rev. 1.1, 2007-11-08
TLE7368
General Product Characteristics
4.4.32
Drop voltage
V
dr, Q_LDO2
–
–
400
mV
SEL_LDO2 = GND;
V
CCP = 9 V;
I
Q_LDO2 = 250 mA;
V
IN = 4.5 V;
4)6)
4.4.33
Load regulation
∆VQ_LDO2
–
–
65
mV/A 2.6 V mode
1 mA <
I
Q_LDO2 < 650 mA
4.4.34
Power supply ripple
rejection
PSRR
Q_LDO2
26
–
–
dB
V
IN_LDO2 = 5.6 V;
V
IN_LDO2, ripple pp = 150 mV;
f
IN_LDO2, ripple = 370 kHz;
I
Q_LDO2 = 250mA;
C
Q_LDO2 = 4.7 µF ceramic
X7R1)
4.4.35
Selector Pull-down
resistor
R
SEL_LDO2
0.7
1.2
1.9
M
Ω
–
4.4.36
Output capacitor
C
Q_LDO2
1–
470
µF
1)5)
4.4.37
Output capacitor
ESR
C
Q_LDO2
0–
2
Ω
at 10 kHz;1)
External Voltage Regulator Control
4.4.38
Driver current limit
I
DRV_EXT, lim
75
–
150
mA
V
FB_EXT = 1.2 V
4.4.39
Feedback voltage
V
FB_EXT
1.51
–
1.55
V
–
4.4.40
Feedback input current
I
FB_EXT
-250
–
–
µA–
4.4.41
Load regulation
∆VFB_EXT
––
20
mV/A
V
FB/L_IN = 5.4 V;
V
CCP = 9.0 V;
I
FB_EXT = 100 µA to 1 A;
7)
4.4.42
Output capacitor
C
FB_EXT
4.7
–
–
µF
1)5)7)
4.4.43
Output capacitor
ESR
C
FB_EXT
0–
0.1
Ω
at 10 kHz;1)
Voltage Tracker Q_T1
4.4.44
Output voltage tracking
accuracy to Q_LDO1
∆VQ_T1
-10
–
10
mV
0 mA <
I
Q_T1 < 105 mA
4.4.45
Output current limitation
I
Q_T1
120
–
240
mA
V
Q_T1 = 4.0 V
4.4.46
Drop voltage
V
dr, Q_T1
––
400
mV
I
Q_T1 = 105 mA;
V
FB/L_IN = 5.3 V;
V
Q_LDO1 = 5.0 V
4)
4.4.47
Power supply ripple
rejection
PSRR
Q_T1
26
–
–
dB
V
FB/L_IN = 5.6 V;
V
FB/L_IN, ripple pp = 150 mV;
f
FB/L_IN, ripple = 370 kHz;
V
Q_LDO1 = 5.0 V;
I
Q_T1 = 100 mA;
C
Q_T1 = 4.7µF ceramic X7R;
1)
4.4.48
Output capacitor
C
Q_T1
4.7
–
–
µF
1)5)
4.4.49
Output capacitor
ESR
C
Q_T1
0–
3
Ω
at 10 kHz;1)
Electrical Characteristics (cont’d)
V
IN = VIN_STBY = 13.5 V, Tj = -40 °C to +150 °C,
V
CCP = 9.0 V; SEL_STBY = Q_STBY; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com