Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9RL64 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT91SAM9RL64
Description  AT91 ARM Thumb Microcontrollers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9RL64 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM9RL64 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 13Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 14Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 15Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 16Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
13
6289CS–ATARM–28-May-09
AT91SAM9R64/RL64 Preliminary
4.2
Pinout
Table 4-1.
AT91SAM9R64 Pinout for 144-ball BGA Package
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
A1
DFSDM
D1
PLLRCA
G1
PB[10]
K1
A[5]
A2
DHSDM
D2
VDDUTMII
G2
PB[11]
K2
A[6]
A3
XIN
D3
NWR3/NBS3/CFIOW
G3
PB[12]
K3
A[13]
A4
XOUT
D4
NWR1/NBS1/CFIOR
G4
PB[9]
K4
A[15]
A5
XIN32
D5
JTAGSEL
G5
PB[13]
K5
RAS
A6
XOUT32
D6
GNDBU
G6
GND
K6
D[3]
A7
TDO
D7
TCK
G7
GND
K7
D[6]
A8
PA[31]
D8
PA[26]
G8
GND
K8
D[13]
A9
PA[22]
D9
PA[24]
G9
GNDUTMI
K9
VDDIOM
A10
PA[16]
D10
PA[13]
G10
VDDCORE
K10
VDDIOM
A11
PA[14]
D11
PA[6]
G11
VDDIOP
K11
D[11]
A12
PA[11]
D12
PD[20]
G12
VDDIOP
K12
PB[1]
B1
DFSDP
E1
GNDPLLA
H1
PB[14]
L1
A[7]
B2
DHSDP
E2
NWR0/NWE/CFWE
H2
PB[15]
L2
A[8]
B3
NC
E3
NRD/CFOE
H3
A[0]
L3
A[11]
B4
VDDPLLB
E4
NCS0
H4
A[2]
L4
A[16]
B5
GNDPLLB
E5
NCS1/SDCS
H5
SDA10
L5
SDWE
B6
TMS
E6
PB[2]
H6
D[1]
L6
D[4]
B7
RTCK
E7
NRST
H7
GND
L7
D[7]
B8
PA[27]
E8
BMS
H8
GND
L8
D[15]
B9
PA[21]
E9
PA[25]
H9
VDDIOM
L9
PC[1]
B10
PA[12]
E10
PA[15]
H10
SDCKE
L10
PC[0]
B11
PD[21]
E11
PA[5]
H11
VDDCORE
L11
PB[0]
B12
PA[10]
E12
PA[4]
H12
VDDIOP
L12
GNDANA
C1
VDDPLLA
F1
PB[5]
J1
A[4]
M1
A[9]
C2
VBG
F2
PB[6]
J2
A[1]
M2
A[10]
C3
VDDBU
F3
PB[7]
J3
A[3]
M3
A[12]
C4
SHDN
F4
PB[8]
J4
A[14]
M4
A[17]
C5
WKUP
F5
PB[3]
J5
CAS
M5
D[0]
C6
NTRST
F6
PB[4]
J6
D[2]
M6
SDCK
C7
TDI
F7
TST
J7
D[5]
M7
D[8]
C8
PA[28]
F8
VDDUTMIC
J8
D[12]
M8
ADVREF
C9
PA[23]
F9
PA[3]
J9
D[14]
M9
VDDANA
C10
PA[7]
F10
PA[2]
J10
VDDIOM
M10
PA[17]
C11
PD[19]
F11
PA[0]
J11
D[10]
M11
PA[18]
C12
PD[18]
F12
PA[1]
J12
D[9]
M12
PA[19]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com