Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9RL64 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM9RL64
Description  AT91 ARM Thumb Microcontrollers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9RL64 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM9RL64 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9RL64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
6289CS–ATARM–28-May-09
AT91SAM9R64/RL64 Preliminary
– Master, Multi-master and Slave Mode Operation
– Bit Rate: Up to 400 Kbits
– General Call Supported in Slave Mode
– Connection to Peripheral DMA Controller (PDC) Channel Capabilities Optimizes Data Transfers in Master Mode Only
(TWI0 only)
• SAM-BA® Boot Assistant
– Default Boot Program
– Interface with SAM-BA Graphic User Interface
• IEEE® 1149.1 JTAG Boundary Scan on All Digital Pins
• Required Power Supplies:
– 1.08 to 1.32V for VDDCORE, VDDUTMIC, VDDPLLB and VDDBU
– 3.0V to 3.6V for VDDPLLA, VDDANA, VDDUTMII and VDDIOP
– Programmable 1.65V to 1.95V or 3.0V to 3.6V for VDDIOM
• Available in a 144-ball BGA (AT91SAM9R64) and a 217-ball LFBGA (AT91SAM9RL64) Package
1.
Description
The AT91SAM9R64/RL64 device is based on the integration of an ARM926EJ-S processor with
a large fast SRAM and a wide range of peripherals.
The AT91SAM9R64/RL64 embeds one USB Device High Speed Controller, one LCD Controller
(for AT91SAM9RL64 only), one AC97 controller, a 2-channel DMA Controller, four USARTs, two
SSCs, one SPI, two TWIs, three Timer Counter channels, a 4-channel PWM generator, one Mul-
timedia Card interface and a 6-channel Analog-to-digital converter that also provides resistive
touch screen management.
The AT91SAM9R64/RL64 is architectured on a 6-layer bus matrix. It also features an External
Bus Interface capable of interfacing with a wide range of memory and peripheral devices.
Some features are not available for AT91SAM9R64 in the 144-ball BGA package.
Separate block diagrams and PIO multiplexing are provided in this document. Table 1-1 lists the
features and signals of AT91SAM9RL64 that are not available or partially available for
AT91SAM9R64. When the signal is multiplexed on a PIO, the PIO line is specified.
Table 1-1.
Unavailable or Partially Available Features and Signals in AT91SAM9R64
Feature
Full/Partial
Signal
Peripheral A
Peripheral B
AC97
Full
AC97FS
AC97CK
AC97TX
AC97RX
PD1
PD2
PD3
PD4
-
EBI
Partial
D16-D31
NCS2
NCS5/CFCS1
PB16-PB31
PD0
PD13
-
LCDC
Full
LCDMOD
LCDCC
LCDVSYNC
LCDHSYNC
LCDDOTCK
LCDDEN
LCDD0-LCDD23
PC2
PC3
PC4
PC5
PC6
PC7
PC8-PC31
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com