Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G45 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91SAM9G45
Description  AT91 ARM Thumb-based Microcontrollers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G45 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91SAM9G45 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
NOTE: This is a summary document.
The complete document is available on
the Atmel website at www.atmel.com.
Features
• 400 MHz ARM926EJ-S™ ARM® Thumb® Processor
– 32 KBytes Data Cache, 32 KBytes Instruction Cache, MMU
• Memories
– DDR2 Controller 4-bank DDR2/LPDDR, SDRAM/LPSDR
– External Bus Interface supporting 4-bank DDR2/LPDDR, SDRAM/LPSDR, Static
Memories, CompactFlash, SLC NAND Flash with ECC
– One 64-KByte internal SRAM, single-cycle access at system speed or processor
speed through TCM interface
– One 64-KByte internal ROM, embedding bootstrap routine
• Peripherals
– LCD Controller supporting STN and TFT displays up to 1280*860
– ITU-R BT. 601/656 Image Sensor Interface
– USB Device High Speed, USB Host High Speed and USB Host Full Speed with On-
Chip Transceiver
– 10/100 Mbps Ethernet MAC Controller
– Two High Speed Memory Card Hosts (SDIO, SDCard, MMC)
– AC'97 controller
– Two Master/Slave Serial Peripheral Interfaces
– Two Three-channel 32-bit Timer/Counters
– Two Synchronous Serial Controllers (I2S mode)
– Four-channel 16-bit PWM Controller
– Two Two-wire Interfaces
– Four USARTs with ISO7816, IrDA, Manchester and SPI modes
– 8-channel 10-bit ADC with 4-wire Touch Screen support
• System
– 133 MHz twelve 32-bit layer AHB Bus Matrix
– 37 DMA Channels
– Boot from NAND Flash, SDCard, DataFlash® or serial DataFlash
– Reset Controller with on-chip Power-on Reset
– Selectable 32768 Hz Low-power and 12 MHz Crystal Oscillators
– Internal Low-power 32 kHz RC Oscillator
– One PLL for the system and one 480 MHz PLL optimized for USB High Speed
– Two Programmable External Clock Signals
– Advanced Interrupt Controller and Debug Unit
– Periodic Interval Timer, Watchdog Timer, Real Time Timer and Real Time Clock
• I/O
– Five 32-bit Parallel Input/Output Controllers
– 160 Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os with
Schmitt trigger input
• Package
– 324-ball TFBGA, pitch 0.8 mm
AT91 ARM
Thumb-based
Microcontrollers
AT91SAM9G45
Preliminary
Summary
6438CS–ATARM–13-Oct-09


Similar Part No. - AT91SAM9G45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9G45 ATMEL-AT91SAM9G45 Datasheet
18Mb / 1159P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9G45 ATMEL-AT91SAM9G45 Datasheet
1Mb / 56P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9G45-CU ATMEL-AT91SAM9G45-CU Datasheet
18Mb / 1159P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9G45-CU ATMEL-AT91SAM9G45-CU Datasheet
1Mb / 56P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9G45-CU ATMEL-AT91SAM9G45-CU Datasheet
1Mb / 55P
ARM-based Embedded MPU
More results

Similar Description - AT91SAM9G45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com