Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G45 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT91SAM9G45
Description  AT91 ARM Thumb-based Microcontrollers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G45 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT91SAM9G45 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
5
6438CS–ATARM–13-Oct-09
AT91SAM9G45
Shutdown, Wakeup Logic
SHDN
Shut-Down Control
Output
VDDBU
Driven at 0V only.
0: The device is in backup
mode
1: The device is running (not in
backup mode).
WKUP
Wake-Up Input
Input
VDDBU
Accept between 0V and
VDDBU.
ICE and JTAG
TCK
Test Clock
Input
VDDIOP0
No pull-up resistor, Schmitt
trigger
TDI
Test Data In
Input
VDDIOP0
No pull-up resistor, Schmitt
trigger
TDO
Test Data Out
Output
VDDIOP0
TMS
Test Mode Select
Input
VDDIOP0
No pull-up resistor, Schmitt
trigger
JTAGSEL
JTAG Selection
Input
VDDBU
Pull-down resistor (15 k
Ω).
RTCK
Return Test Clock
Output
VDDIOP0
Reset/Test
NRST
Microcontroller Reset(2)
I/O
Low
VDDIOP0
Open-drain output,
Pull-Up resistor (100 k
Ω),
Schmitt trigger
TST
Test Mode Select
Input
VDDBU
Pull-down resistor (15 k
Ω),
Schmitt trigger
NTRST
Test Reset Signal
Input
VDDIOP0
Pull-Up resistor (100 k
Ω),
Schmitt trigger
BMS
Boot Mode Select
Input
VDDIOP0
must be connected to GND or
VDDIOP.
Debug Unit - DBGU
DRXD
Debug Receive Data
Input
(1)
DTXD
Debug Transmit Data
Output
(1)
Advanced Interrupt Controller - AIC
IRQ
External Interrupt Input
Input
(1)
FIQ
Fast Interrupt Input
Input
(1)
PIO Controller - PIOA- PIOB - PIOC - PIOD - PIOE
PA0 - PA31
Parallel IO Controller A
I/O
(1)
Pulled-up input at reset
(100k
Ω)(3), Schmitt trigger
PB0 - PB31
Parallel IO Controller B
I/O
(1)
Pulled-up input at reset
(100k
Ω)(3), Schmitt trigger
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Reference
Voltage
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com