Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U4 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATmega32U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U4 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATmega32U4 Datasheet HTML 8Page - ATMEL Corporation ATmega32U4 Datasheet HTML 9Page - ATMEL Corporation ATmega32U4 Datasheet HTML 10Page - ATMEL Corporation ATmega32U4 Datasheet HTML 11Page - ATMEL Corporation ATmega32U4 Datasheet HTML 12Page - ATMEL Corporation ATmega32U4 Datasheet HTML 13Page - ATMEL Corporation ATmega32U4 Datasheet HTML 14Page - ATMEL Corporation ATmega32U4 Datasheet HTML 15Page - ATMEL Corporation ATmega32U4 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
7766DS–AVR–01/09
ATmega16U4/ATmega32U4
Note:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses
should never be written.
2. I/O registers within the address range $00 - $1F are directly bit-accessible using the SBI and CBI instructions. In these reg-
isters, the value of single bits can be checked by using the SBIS and SBIC instructions.
3. Some of the status flags are cleared by writing a logical one to them. Note that the CBI and SBI instructions will operate on
all bits in the I/O register, writing a one back into any flag read as set, thus clearing the flag. The CBI and SBI instructions
work with registers 0x00 to 0x1F only.
4. When using the I/O specific commands IN and OUT, the I/O addresses $00 - $3F must be used. When addressing I/O regis-
ters as data space using LD and ST instructions, $20 must be added to these addresses. The ATmega16U4/ATmega32U4 is
a complex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for
the IN and OUT instructions. For the Extended I/O space from $60 - $1FF in SRAM, only the ST/STS/STD and LD/LDS/LDD
instructions can be used.
0x1B (0x3B)
PCIFR
-
-
-
-
-
-
-PCIF0
0x1A (0x3A)
Reserved
-
-
-
-
-
-
-
-
0x19 (0x39)
TIFR4
OCF4D
OCF4A
OCF4B
-
-TOV4
-
-
0x18 (0x38)
TIFR3
-
-
ICF3
-
OCF3C
OCF3B
OCF3A
TOV3
0x17 (0x37)
Reserved
-
-
-
-
-
-
-
-
0x16 (0x36)
TIFR1
-
-
ICF1
-
OCF1C
OCF1B
OCF1A
TOV1
0x15 (0x35)
TIFR0
-
-
-
-
-
OCF0B
OCF0A
TOV0
0x14 (0x34)
Reserved
-
-
-
-
-
-
-
-
0x13 (0x33)
Reserved
-
-
-
-
-
-
-
-
0x12 (0x32)
Reserved
-
-
-
-
-
-
-
-
0x11 (0x31)
PORTF
PORTF7
PORTF6
PORTF5
PORTF4
-
-
PORTF1
PORTF0
0x10 (0x30)
DDRF
DDF7
DDF6
DDF5
DDF4
-
-
DDF1
DDF0
0x0F (0x2F)
PINF
PINF7
PINF6
PINF5
PINF4
-
-
PINF1
PINF0
0x0E (0x2E)
PORTE
-
PORTE6
-
-
-
PORTE2
-
-
0x0D (0x2D)
DDRE
-
DDE6
-
-
-
DDE2
-
-
0x0C (0x2C)
PINE
-
PINE6
-
-
-
PINE2
-
-
0x0B (0x2B)
PORTD
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
0x0A (0x2A)
DDRD
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
0x09 (0x29)
PIND
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
0x08 (0x28)
PORTC
PORTC7
PORTC6
-
-
-
-
-
-
0x07 (0x27)
DDRC
DDC7
DDC6
-
-
-
-
-
-
0x06 (0x26)
PINC
PINC7
PINC6
-
-
-
-
-
-
0x05 (0x25)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
0x04 (0x24)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
0x03 (0x23)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
0x02 (0x22)
Reserved
-
-
-
-
-
-
-
-
0x01 (0x21)
Reserved
-
-
-
-
-
-
-
-
0x00 (0x20)
Reserved
-
-
-
-
-
-
-
-
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com