Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U4 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATmega32U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U4 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATmega32U4 Datasheet HTML 2Page - ATMEL Corporation ATmega32U4 Datasheet HTML 3Page - ATMEL Corporation ATmega32U4 Datasheet HTML 4Page - ATMEL Corporation ATmega32U4 Datasheet HTML 5Page - ATMEL Corporation ATmega32U4 Datasheet HTML 6Page - ATMEL Corporation ATmega32U4 Datasheet HTML 7Page - ATMEL Corporation ATmega32U4 Datasheet HTML 8Page - ATMEL Corporation ATmega32U4 Datasheet HTML 9Page - ATMEL Corporation ATmega32U4 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
7766DS–AVR–01/09
ATmega16U4/ATmega32U4
Only bits 6 and 7 are present on the product pinout.
Port C also serves the functions of special features of the ATmega16U4/ATmega32U4 as listed
on page 74.
2.2.5
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port D output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port D pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port D pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port D also serves the functions of various special features of the ATmega16U4/ATmega32U4
as listed on page 76.
2.2.6
Port E (PE6,PE2)
Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port E output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port E pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port E pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Only bits 2 and 6 are present on the product pinout.
Port E also serves the functions of various special features of the ATmega16U4/ATmega32U4
as listed on page 79.
2.2.7
Port F (PF7..PF4, PF1,PF0)
Port F serves as analog inputs to the A/D Converter.
Port F also serves as an 8-bit bi-directional I/O port, if the A/D Converter channels are not used.
Port pins can provide internal pull-up resistors (selected for each bit). The Port F output buffers
have symmetrical drive characteristics with both high sink and source capability. As inputs, Port
F pins that are externally pulled low will source current if the pull-up resistors are activated. The
Port F pins are tri-stated when a reset condition becomes active, even if the clock is not running.
Bits 2 and 3 are not present on the product pinout.
Port F also serves the functions of the JTAG interface. If the JTAG interface is enabled, the pull-
up resistors on pins PF7(TDI), PF5(TMS), and PF4(TCK) will be activated even if a reset occurs.
2.2.8
D-
USB Full speed / Low Speed Negative Data Upstream Port. Should be connected to the USB D-
connector pin with a serial 22 Ohms resistor.
2.2.9
D+
USB Full speed / Low Speed Positive Data Upstream Port. Should be connected to the USB D+
connector pin with a serial 22 Ohms resistor.
2.2.10
UGND
USB Pads Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com