Electronic Components Datasheet Search
  English  ▼

X  

ATtiny43U-MU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATtiny43U-MU
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U-MU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATtiny43U-MU Datasheet HTML 7Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 8Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 9Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 10Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 11Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 12Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 13Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 14Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
8048BS–AVR–03/09
6.
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. Supply voltage on VCC pin, boost converter disregarded. When boost converter is active the device can be operated from
voltages sources lower than indicated here. See table “Characteristics of Boost Converter. T = -20
°C ... +85°C, unless other-
wise noted” on page 159 for more information.
6.1
ATtiny43U
Speed (MHz)
Power Supply
Ordering Code (1)
Package (2)
Operational Range
8
1.8 - 5.5V (3)
ATtiny43U-MU
ATtiny43U-SU
20M1
20S2
Industrial
(-40
°C to 85°C)
Package Type
20M1
20-pad, 4 x 4 x 0.8 mm Body, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
20S2
20-lead, 0.300" Wide Body, Plastic Gull Wing Small Outline Package (SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com