Electronic Components Datasheet Search
  English  ▼

X  

ATtiny43U-MU Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATtiny43U-MU
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U-MU Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATtiny43U-MU Datasheet HTML 8Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 9Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 10Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 11Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 12Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 13Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 14Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 15Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
8048BS–AVR–03/09
ATtiny43U
7.
Packaging Information
7.1
20M1
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
20M1, 20-pad, 4 x 4 x 0.8 mm Body, Lead Pitch 0.50 mm,
A
20M1
10/27/04
2.6 mm Exposed Pad, Micro Lead Frame Package (MLF)
A
0.70
0.75
0.80
A1
–
0.01
0.05
A2
0.20 REF
b
0.18
0.23
0.30
D
4.00 BSC
D2
2.45
2.60
2.75
E
4.00 BSC
E2
2.45
2.60
2.75
e
0.50 BSC
L
0.35
0.40
0.55
SIDE VIEW
Pin 1 ID
Pin #1
Notch
(0.20 R)
BOTTOM VIEW
TOP VIEW
Note:
Reference JEDEC Standard MO-220, Fig. 1 (SAW Singulation) WGGD-5.
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
D
E
e
A2
A1
A
D2
E2
0.08
C
L
1
2
3
b
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com