Electronic Components Datasheet Search
  English  ▼

X  

MIC5380 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5380
Description  High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5380 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5380 Datasheet HTML 4Page - Micrel Semiconductor MIC5380 Datasheet HTML 5Page - Micrel Semiconductor MIC5380 Datasheet HTML 6Page - Micrel Semiconductor MIC5380 Datasheet HTML 7Page - Micrel Semiconductor MIC5380 Datasheet HTML 8Page - Micrel Semiconductor MIC5380 Datasheet HTML 9Page - Micrel Semiconductor MIC5380 Datasheet HTML 10Page - Micrel Semiconductor MIC5380 Datasheet HTML 11Page - Micrel Semiconductor MIC5380 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Micrel, Inc.
MIC5380/1
November 2008
8
M9999-110608-A
Application Information
MIC5380/1 is a dual 150mA LDO in a small 1mm x 1mm
Thin MLF
® package. The MIC5381 includes an auto-
discharge circuit for each of the LDO outputs that is
activated when the output is disabled. The MIC5380/1
regulator is fully protected from damage due to fault
conditions through linear current limiting and thermal
shutdown.
Input Capacitor
The MIC5380/1 is a high-performance, high bandwidth
device. An input capacitor of 1µF capacitor is required
from the input-to-ground to provide stability. Low-ESR
ceramic capacitors provide optimal performance at a
minimum of space. Additional high-frequency capacitors,
such as small-valued NPO dielectric-type capacitors,
help filter out high-frequency noise and are good
practice in any RF-based circuit. X5R or X7R dielectrics
are recommended for the input capacitor. Y5V dielectrics
lose most of their capacitance over temperature and are
therefore, not recommended.
Output Capacitor
The MIC5380/1 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized for
use with low-ESR ceramic chip capacitors. High ESR
capacitors may cause high frequency oscillation. The
output capacitor can be increased, but performance has
been optimized for a 1µF ceramic output capacitor and
does not improve significantly with larger capacitance.
X7R/X5R
dielectric-type
ceramic
capacitors
are
recommended
because
of
their
temperature
performance. X7R-type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
No-Load Stability
Unlike many other voltage regulators, the MIC5380/1 will
remain stable and in regulation with no load. This is
especially
important
in
CMOS
RAM
keep-alive
applications.
Enable/Shutdown
The MIC5380/1 comes with two active-high enable pins
that allow each regulator to be disabled independently.
Forcing the enable pin low disables the regulator and
sends it into a “zero” off-mode-current state. In this state,
current consumed by the regulator goes nearly to zero.
When disabled the MIC5381 switches a 30Ω (typical)
load on the regulator output to discharge the external
capacitor.
Forcing the enable pin high enables the output voltage.
The active-high enable pin uses CMOS technology and
the enable pin cannot be left floating; a floating enable
pin may cause an indeterminate state on the output.
Thermal Considerations
The MIC5380/1 is designed to provide 150mA of
continuous current for both outputs in a very small
package. Maximum ambient operating temperature can
be calculated based upon the output current and the
voltage drop across the part. For example, if the input
voltage is 3.6V, and the output voltage 3.0V for VOUT1,
3.0V for VOUT2 and output current = 150mA, then the
actual power dissipation of the regulator circuit can be
calculated using the equation:
PD = (VIN – VOUT1) IOUT1 + (VIN – VOUT2) I OUT2 + VIN IGND
Because this device is CMOS and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1%
and can be ignored for this calculation.
PD = (3.6V – 3.0V) × 150mA + (3.6V – 3.0V) × 150mA
PD = 0.18W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device and the following basic
equation:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
JA
A
J(MAX)
D(MAX)
θ
T
T
P
TJ(max) = 125°C, and the maximum junction temperature
of the die, θJA, thermal resistance = 150°C/W.
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit. The junction-to-
ambient thermal resistance for the minimum footprint is
150°C/W.
The maximum power dissipation must not be exceeded
for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com