Electronic Components Datasheet Search
  English  ▼

X  

MIC5380 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5380
Description  High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5380 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5380 Datasheet HTML 1Page - Micrel Semiconductor MIC5380 Datasheet HTML 2Page - Micrel Semiconductor MIC5380 Datasheet HTML 3Page - Micrel Semiconductor MIC5380 Datasheet HTML 4Page - Micrel Semiconductor MIC5380 Datasheet HTML 5Page - Micrel Semiconductor MIC5380 Datasheet HTML 6Page - Micrel Semiconductor MIC5380 Datasheet HTML 7Page - Micrel Semiconductor MIC5380 Datasheet HTML 8Page - Micrel Semiconductor MIC5380 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5380/1
High Performance Dual 150mA LDO
1mm x 1mm Thin MLF
®
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2008
M9999-110608-A
General Description
The MIC5380/1 is an advanced dual LDO ideal for
powering space constrained portable devices. The
MIC5380/1 provides two independently controlled, high
performance 150mA LDOs in an ultra small 1mm x 1mm
Thin MLF
® package.
Ideal for battery powered applications, the MIC5380/1
offers ±1% typical accuracy, low dropout voltage (155mV
at 150mA) and low ground current. The MIC5380/1 can
also be put into a zero-off-mode current state, drawing
virtually no current when disabled.
The MIC5380/1 offers fast transient response and high
PSRR while consuming minimal operating current. When
the MIC5381 is disabled an internal resistive load is
automatically applied to the output to discharge the output
capacitor.
The MIC5380/1 is available with fixed output voltages in a
lead-free (RoHS compliant) 6-pin 1mm x 1mm Thin MLF
®
package.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 6-pin 1mm x 1mm Thin MLF® package
• 2.5V to 5.5V input voltage range
• 150mA output current per LDO
• High output accuracy ±1% typical
• Low quiescent current 32µA per LDO
• Stable with 0402 1µF ceramic output capacitors
• Low dropout voltage 155mV at 150mA
• Output discharge circuit on MIC5381
• Independent enable pins
• Thermal shutdown protection
• Current limit protection
Applications
• Bluetooth headsets
• Mobile phones
• GPS, PMP, PDAs , DSCs
• USB thumb drive
• Medical handheld
• Portable handheld electronics
___________________________________________________________________________________________________________
Typical Application
MIC5380/1-xxYFT
VIN
EN1
EN2
1µF
1µF
VOUT1
VOUT2
1µF
VBAT
GND
I/O
VCORE
Camera DSP Power Supply Circuit


Similar Part No. - MIC5380

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5383-MG4YMT MICREL-MIC5383-MG4YMT Datasheet
873Kb / 19P
Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
MIC5384-MG44YMT MICREL-MIC5384-MG44YMT Datasheet
896Kb / 22P
Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
MIC5385 MICREL-MIC5385 Datasheet
609Kb / 13P
Ultra Small Triple 150mA Output LDO
MIC5385-SGFYMT MICREL-MIC5385-SGFYMT Datasheet
609Kb / 13P
Ultra Small Triple 150mA Output LDO
MIC5387 MICREL-MIC5387 Datasheet
547Kb / 12P
Ultra-Small Triple 150mA Output LDO
More results

Similar Description - MIC5380

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5302 MICREL-MIC5302 Datasheet
354Kb / 8P
150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
150mA MicroPower??High Performance LDO
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5302 MICREL-MIC5302_10 Datasheet
354Kb / 8P
150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
High-Performance Dual 150mA LDO
logo
LUMEX INC.
SSL-LX15583GD LUMEX-SSL-LX15583GD Datasheet
53Kb / 1P
1mm X 5mm Rectangular LED
SSL-LX15583ID LUMEX-SSL-LX15583ID Datasheet
53Kb / 1P
1mm X 5mm Rectangular LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com