Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 133 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 129Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 130Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 131Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 132Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 133Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 134Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 135Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 136Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 324 page
background image
133
2513K–AVR–07/09
ATmega162/V
Timer/Counter1 –
TCNT1H and TCNT1L
Timer/Counter3 –
TCNT3H and TCNT3L
The two Timer/Counter I/O locations (TCNTnH and TCNTnL, combined TCNTn) give direct
access, both for read and for write operations, to the Timer/Counter unit 16-bit counter. To
ensure that both the high and low bytes are read and written simultaneously when the CPU
accesses these registers, the access is performed using an 8-bit temporary high byte register
(TEMP). This temporary register is shared by all the other 16-bit registers. See “Accessing 16-bit
Registers” on page 109.
Modifying the counter (TCNTn) while the counter is running introduces a risk of missing a Com-
pare Match between TCNTn and one of the OCRnx Registers.
Writing to the TCNTn Register blocks (removes) the Compare Match on the following timer clock
for all compare units.
Output Compare
Register 1 A –
OCR1AH and OCR1AL
Output Compare
Register 1 B –
OCR1BH and OCR1BL
Output Compare
Register 3 A –
OCR3AH and OCR3AL
Output Compare
Register 3 B –
OCR3BH and OCR3BL
Bit
765
4321
0
TCNT1[15:8]
TCNT1H
TCNT1[7:0]
TCNT1L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
Bit
765
4321
0
TCNT3[15:8]
TCNT3H
TCNT3[7:0]
TCNT3L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
Bit
765
4321
0
OCR1A[15:8]
OCR1AH
OCR1A[7:0]
OCR1AL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
Bit
765
4321
0
OCR1B[15:8]
OCR1BH
OCR1B[7:0]
OCR1BL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
Bit
765
4321
0
OCR3A[15:8]
OCR3AH
OCR3A[7:0]
OCR3AL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
Bit
765
4321
0
OCR3B[15:8]
OCR3BH
OCR3B[7:0]
OCR3BL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com