Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 135 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 135 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 131Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 132Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 133Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 134Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 135Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 136Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 137Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 138Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 139Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 324 page
background image
135
2513K–AVR–07/09
ATmega162/V
Interrupt Vector (See “Interrupts” on page 57.) is executed when the OCF1B Flag, located in
TIFR, is set.
• Bit 3 – TICIE1: Timer/Counter1, Input Capture Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter1 Input Capture interrupt is enabled. The corresponding Interrupt
Vector (See “Interrupts” on page 57.) is executed when the ICF1 Flag, located in TIFR, is set.
Extended
Timer/Counter
Interrupt Mask
Register – ETIMSK
(1)
Note:
1. This register contains interrupt control bits for several Timer/Counters, but only Timer3 bits are
described in this section. The remaining bits are described in their respective Timer sections.
• Bit 5 – TICIE3: Timer/Counter3, Input Capture Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter3 Input Capture interrupt is enabled. The corresponding Interrupt
Vector (See “Interrupts” on page 57.) is executed when the ICF3 Flag, located in TIFR, is set.
• Bit 4 – OCIE3A: Timer/Counter3, Output Compare A Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter3 Output Compare A Match interrupt is enabled. The corresponding
Interrupt Vector (See “Interrupts” on page 57.) is executed when the OCF3A Flag, located in
TIFR, is set.
• Bit 3 – OCIE3B: Timer/Counter3, Output Compare B Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter3 Output Compare B Match interrupt is enabled. The corresponding
Interrupt Vector (See “Interrupts” on page 57.) is executed when the OCF3B Flag, located in
TIFR, is set.
• Bit 2 – TOIE3: Timer/Counter3, Overflow Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter3 overflow interrupt is enabled. The corresponding Interrupt Vector
(See “Interrupts” on page 57.) is executed when the TOV3 Flag, located in TIFR, is set.
Timer/Counter
Interrupt Flag Register
– TIFR(1)
Note:
1. This register contains flag bits for several Timer/Counters, but only Timer1 bits are described
in this section. The remaining bits are described in their respective Timer sections.
• Bit 7 – TOV1: Timer/Counter1, Overflow Flag
The setting of this flag is dependent of the WGMn3:0 bits setting. In Normal and CTC modes,
the TOV1 Flag is set when the timer overflows. Refer to Table 56 on page 130 for the TOV1 Flag
behavior when using another WGMn3:0 bit setting.
Bit
7
6
5
4
3
2
1
0
TICIE3
OCIE3A
OCIE3B
TOIE3
–
–ETIMSK
Read/Write
R
R
R/W
R/W
R/W
R/W
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
765
4321
0
TOV1
OCF1A
OC1FB
OCF2
ICF1
TOV2
TOV0
OCF0
TIFR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com