Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 137 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 137 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 133Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 134Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 135Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 136Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 137Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 138Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 139Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 140Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 141Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 324 page
background image
137
2513K–AVR–07/09
ATmega162/V
Extended
Timer/Counter
Interrupt Flag Register
– ETIFR
(1)
Note:
1. This register contains flag bits for several Timer/Counters, but only Timer3 bits are described
in this section. The remaining bits are described in their respective Timer sections.
• Bit 5 – ICF3: Timer/Counter3, Input Capture Flag
This flag is set when a capture event occurs on the ICP3 pin. When the Input Capture Register
(ICR3) is set by the WGMn3:0 to be used as the TOP value, the ICF3 Flag is set when the coun-
ter reaches the TOP value.
ICF3 is automatically cleared when the Input Capture Interrupt Vector is executed. Alternatively,
ICF3 can be cleared by writing a logic one to its bit location.
• Bit 4 – OCF3A: Timer/Counter3, Output Compare A Match Flag
This flag is set in the timer clock cycle after the counter (TCNT3) value matches the Output
Compare Register A (OCR3A).
Note that a Forced Output Compare (FOC3A) strobe will not set the OCF3A Flag.
OCF3A is automatically cleared when the Output Compare Match A Interrupt Vector is exe-
cuted. Alternatively, OCF3A can be cleared by writing a logic one to its bit location.
• Bit 3 – OCF3B: Timer/Counter3, Output Compare B Match Flag
This flag is set in the timer clock cycle after the counter (TCNT3) value matches the Output
Compare Register B (OCR3B).
Note that a Forced Output Compare (FOC3B) strobe will not set the OCF3B Flag.
OCF3B is automatically cleared when the Output Compare Match B Interrupt Vector is exe-
cuted. Alternatively, OCF3B can be cleared by writing a logic one to its bit location.
• Bit 2 – TOV3: Timer/Counter3, Overflow Flag
The setting of this flag is dependent of the WGMn3:0 bits setting. In normal and CTC modes, the
TOV3 Flag is set when the timer overflows. Refer to Table 56 on page 130 for the TOV3 Flag
behavior when using another WGMn3:0 bit setting.
TOV3 is automatically cleared when the Timer/Counter3 Overflow Interrupt Vector is executed.
Alternatively, TOV3 can be cleared by writing a logic one to its bit location.
Bit
765
4321
0
ICF3
OCF3A
OC3FB
TOV3
–
–ETIFR
Read/Write
R
R
R/W
R/W
R/W
R/W
R
R
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com