Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 173 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 169Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 170Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 171Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 172Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 173Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 174Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 175Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 176Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 324 page
background image
173
2513K–AVR–07/09
ATmega162/V
More advanced initialization routines can be made that include frame format as parameters, dis-
able interrupts and so on. However, many applications use a fixed setting of the Baud and
Control Registers, and for these types of applications the initialization code can be placed
directly in the main routine, or be combined with initialization code for other I/O modules.
Data Transmission
– The USART
Transmitter
The USART Transmitter is enabled by setting the Transmit Enable (TXEN) bit in the UCSRB
Register. When the Transmitter is enabled, the normal port operation of the TxD pin is overrid-
den by the USART and given the function as the transmitter’s serial output. The baud rate, mode
of operation and frame format must be set up once before doing any transmissions. If synchro-
nous operation is used, the clock on the XCK pin will be overridden and used as transmission
clock.
Sending Frames with
5 to 8 Data Bit
A data transmission is initiated by loading the transmit buffer with the data to be transmitted. The
CPU can load the transmit buffer by writing to the UDR I/O location. The buffered data in the
transmit buffer will be moved to the Shift Register when the Shift Register is ready to send a new
frame. The Shift Register is loaded with new data if it is in idle state (no ongoing transmission) or
immediately after the last stop bit of the previous frame is transmitted. When the Shift Register is
loaded with new data, it will transfer one complete frame at the rate given by the Baud Register,
U2X bit or by XCK depending on mode of operation.
The following code examples show a simple USART transmit function based on polling of the
Data Register Empty (UDRE) Flag. When using frames with less than eight bits, the most signif-
icant bits written to the UDR are ignored. The USART has to be initialized before the function
can be used. For the assembly code, the data to be sent is assumed to be stored in Register
R16
Note:
1. The example code assumes that the part specific header file is included.
The function simply waits for the transmit buffer to be empty by checking the UDRE Flag, before
loading it with new data to be transmitted. If the Data Register Empty interrupt is utilized, the
interrupt routine writes the data into the buffer.
Assembly Code Example
(1)
USART_Transmit:
; Wait for empty tr?nsmit buffer
sbis
UCSRA,UDRE
rjmp
USART_Transmit
; Put data (r16) in?o buffer, sends the data
out
UDR,r16
ret
C Code Example
(1)
void
USART_Transmit( unsigned char data )
{
/* Wait for empty t?ansmit buffer */
while
( !( UCSRA & ?1<<UDRE)) )
;
/* Put data into bu?fer, sends the data */
UDR = data;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com