Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 174 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 174 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 170Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 171Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 172Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 173Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 174Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 175Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 176Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 177Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 178Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 324 page
background image
174
2513K–AVR–07/09
ATmega162/V
Sending Frames with
9 Data Bit
If 9-bit characters are used (UCSZ = 7), the ninth bit must be written to the TXB8 bit in UCSRB
before the low byte of the character is written to UDR. The following code examples show a
transmit function that handles 9-bit characters. For the assembly code, the data to be sent is
assumed to be stored in Registers R17:R16.
Note:
1. These transmit functions are written to be general functions. They can be optimized if the con-
tents of the UCSRB is static. For example, only the TXB8 bit of the UCSRB Register is used
after initialization.
The ninth bit can be used for indicating an address frame when using multi processor communi-
cation mode or for other protocol handling as for example synchronization.
Transmitter Flags and
Interrupts
The USART Transmitter has two flags that indicate its state: USART Data Register Empty
(UDRE) and Transmit Complete (TXC). Both flags can be used for generating interrupts.
The Data Register Empty (UDRE) Flag indicates whether the transmit buffer is ready to receive
new data. This bit is set when the transmit buffer is empty, and cleared when the transmit buffer
contains data to be transmitted that has not yet been moved into the Shift Register. For compat-
ibility with future devices, always write this bit to zero when writing the UCSRA Register.
When the Data Register Empty Interrupt Enable (UDRIE) bit in UCSRB is written to one, the
USART Data Register Empty Interrupt will be executed as long as UDRE is set (provided that
global interrupts are enabled). UDRE is cleared by writing UDR. When interrupt-driven data
transmission is used, the Data Register Empty Interrupt routine must either write new data to
UDR in order to clear UDRE or disable the Data Register Empty Interrupt, otherwise a new inter-
rupt will occur once the interrupt routine terminates.
Assembly Code Example(1)
USART_Transmit:
; Wait for empty tr?nsmit buffer
sbis
UCSRA,UDRE
rjmp
USART_Transmit
; Copy 9th bit from?r17 to TXB8
cbi
UCSRB,TXB8
sbrc
r17,0
sbi
UCSRB,TXB8
; Put LSB data (r16? into buffer, sends the data
out
UDR,r16
ret
C Code Example
(1)
void
USART_Transmit( unsigned int data )
{
/* Wait for empty t?ansmit buffer */
while
( !( UCSRA & ?1<<UDRE)) )
;
/* Copy 9th bit to ?XB8 */
UCSRB &= ~(1<<TXB8);
if ( data & 0x0100 )
UCSRB |= (1<<TXB8);
/* Put data into bu?fer, sends the data */
UDR = data;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com