Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 176 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 176 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 172Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 173Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 174Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 175Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 176Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 177Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 178Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 179Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 180Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 324 page
background image
176
2513K–AVR–07/09
ATmega162/V
Receiving Frames with
5 to 8 Data Bits
The Receiver starts data reception when it detects a valid start bit. Each bit that follows the start
bit will be sampled at the baud rate or XCK clock, and shifted into the Receive Shift Register until
the first stop bit of a frame is received. A second stop bit will be ignored by the Receiver. When
the first stop bit is received, i.e., a complete serial frame is present in the Receive Shift Register,
the contents of the Shift Register will be moved into the receive buffer. The receive buffer can
then be read by reading the UDR I/O location.
The following code example shows a simple USART receive function based on polling of the
Receive Complete (RXC) Flag. When using frames with less than eight bits the most significant
bits of the data read from the UDR will be masked to zero. The USART has to be initialized
before the function can be used.
Note:
1. The example code assumes that the part specific header file is included.
The function simply waits for data to be present in the receive buffer by checking the RXC Flag,
before reading the buffer and returning the value.
Assembly Code Example(1)
USART_Receive:
; Wait for data to ?e received
sbis
UCSRA, RXC
rjmp
USART_Receive
; Get and return re?eived data from buffer
in
r16, UDR
ret
C Code Example
(1)
unsigned char
USART_Receive( void )
{
/* Wait for data to?be received */
while
( !(UCSRA & (?<<RXC)) )
;
/* Get and return r?ceived data from buffer */
return
UDR;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com