Electronic Components Datasheet Search
  English  ▼

X  

AT28C010 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT28C010
Description  1-Megabit (128K x 8) Paged Parallel EEPROMs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C010 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT28C010 Datasheet HTML 7Page - ATMEL Corporation AT28C010 Datasheet HTML 8Page - ATMEL Corporation AT28C010 Datasheet HTML 9Page - ATMEL Corporation AT28C010 Datasheet HTML 10Page - ATMEL Corporation AT28C010 Datasheet HTML 11Page - ATMEL Corporation AT28C010 Datasheet HTML 12Page - ATMEL Corporation AT28C010 Datasheet HTML 13Page - ATMEL Corporation AT28C010 Datasheet HTML 14Page - ATMEL Corporation AT28C010 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
0010D–PEEPR–7/09
AT28C010 Military
Notes: 1. These parameters are characterized and not 100% tested.
2. See AC Read Characteristics.
Data Polling Waveforms
Notes: 1. These parameters are characterized and not 100% tested.
2. See AC Read Characteristics.
Toggle Bit Waveforms(1)(2)(3)
Notes: 1. Toggling either OE or CE or both OE and CE will operate toggle bit.
2. Beginning and ending state of I/O6 will vary.
3. Any addres location may be used but the address should not vary.
Data Polling Characterstics(1)
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay (2)
ns
tWR
Write Recovery Time
0
ns
Toggle Bit Characteristics(1)
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay (2)
ns
tOEHP
OE High Pulse
150
ns
tWR
Write Recovery Time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com