Electronic Components Datasheet Search
  English  ▼

X  

AT28C010 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT28C010
Description  1-Megabit (128K x 8) Paged Parallel EEPROMs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C010 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT28C010 Datasheet HTML 8Page - ATMEL Corporation AT28C010 Datasheet HTML 9Page - ATMEL Corporation AT28C010 Datasheet HTML 10Page - ATMEL Corporation AT28C010 Datasheet HTML 11Page - ATMEL Corporation AT28C010 Datasheet HTML 12Page - ATMEL Corporation AT28C010 Datasheet HTML 13Page - ATMEL Corporation AT28C010 Datasheet HTML 14Page - ATMEL Corporation AT28C010 Datasheet HTML 15Page - ATMEL Corporation AT28C010 Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
0010D–PEEPR–7/09
AT28C010 Military
Note:
1. See Valid Part Number table below.
Valid Part Numbers
5962-38267 Ordering Information(1)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
120
80
0.3
5962-38267 07 MXX
5962-38267 07 MZX
5962-38267 07 MYX
5962-38267 07 MTX
32D6
32F
44L
30U
Military/883C
Class B, Fully Compliant
(-55
°C to 125°C)
150
80
0.3
5962-38267 05 MXX
5962-38267 05 MUX
5962-38267 05 MZX
5962-38267 05 MYX
5962-38267 05 MTX
32D6
32L
32F
44L
30U
Military/883C
Class B, Fully Compliant
(-55
°C to 125°C)
200
80
0.3
5962-38267 03 MXX
5962-38267 03 MUX
5962-38267 03 MZX
5962-38267 03 MYX
5962-38267 03 MTX
32D6
32L
32F
44L
30U
Military/883C
Class B, Fully Compliant
(-55
°C to 125°C)
250
80
0.3
5962-38267 01 MXX
5962-38267 01 MUX
5962-38267 01 MZX
5962-38267 01 MYX
5962-38267 01 MTX
32D6
32L
32F
44L
30U
Military/883C
Class B, Fully Compliant
(-55
°C to 125°C)
Package Type
32D6
32-Lead, 0.600" Wide, Non-Windowed, Ceramic Dual Inline (Cerdip)
32F
32-Lead, Non-Windowed, Ceramic Bottom-Brazed Flat Package (Flatpack)
32L
32-Pad, Non-Windowed, Ceramic Leadless Chip Carrier (LCC)
44L
44-Pad, Non-Windowed, Ceramic Leadless Chip Carrier (LCC)
30U
30-Pin, Ceramic Pin Grid Array (PGA)
W
Die
Options
Blank
Standard Device: Endurance = 10K Write Cycles; Write Time = 10 ms
E
High Endurance Option: Endurance = 100K Write Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com