Electronic Components Datasheet Search
  English  ▼

X  

LIA130 Datasheet(PDF) 1 Page - Clare, Inc.

Part # LIA130
Description  Optically Isolated Error Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LIA130 Datasheet(HTML) 1 Page - Clare, Inc.

  LIA130 Datasheet HTML 1Page - Clare, Inc. LIA130 Datasheet HTML 2Page - Clare, Inc. LIA130 Datasheet HTML 3Page - Clare, Inc. LIA130 Datasheet HTML 4Page - Clare, Inc. LIA130 Datasheet HTML 5Page - Clare, Inc. LIA130 Datasheet HTML 6Page - Clare, Inc. LIA130 Datasheet HTML 7Page - Clare, Inc. LIA130 Datasheet HTML 8Page - Clare, Inc. LIA130 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRELIMINARY
DS-LIA130-R00C
1
LIA130
Optically Isolated Error Amplifier
RoHS
2002/95/EC
e3
Pb
Part #
Description
LIA130
8 Pin DIP (50/Tube)
LIA130S
8-Pin Surface Mount (50/Tube)
LIA130STR
8-Pin Surface Mount (1000/Reel)
Applications
Features
Description
Ordering Information
Block Diagram
• Power System for Workstations
• Telecom Central Office Supply
• Telecom Bricks
• Optocoupler, Precision Reference, and Error
Amplifier in a Single Package
• 1.240V ± 1% Reference (@ 25ºC)
• Linear Optical Coupler Technology with an Industry
Standard 431-type
• CTR 300% to 600% Linearity
• 3750V
rms Isolation
1
2
3
4
5
6
7
8 LED
FB
COMP
GND
NC
C
E
NC
Approvals
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1305490
The LIA130 is an optically isolated amplifier with a
431-type precision programmable shunt reference
combined in the same package. The optocoupler
portion of the LIA130 comprises a Gallium Arsenide
(GaAs) light-emitting diode (LED) optically coupled to
a silicon phototransistor. The current transfer ratio of
the device is between 300% and 600%.
The combination of features in the LIA130 is optimal
for use in isolated AC-to-DC power supplies and
DC-to-DC converters. It replaces several discrete
components, saves valuable circuit board space, and
reduces complexity.
The device is available in DIP and surface-mount
packages.


Similar Part No. - LIA130

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
Optically Isolated Error Amplifier
LIA130S IXYS-LIA130S Datasheet
175Kb / 11P
Optically Isolated Error Amplifier
LIA130STR IXYS-LIA130STR Datasheet
175Kb / 11P
Optically Isolated Error Amplifier
More results

Similar Description - LIA130

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
Optically Isolated Error Amplifier
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com