Electronic Components Datasheet Search
  English  ▼

X  

LIA130 Datasheet(PDF) 5 Page - Clare, Inc.

Part # LIA130
Description  Optically Isolated Error Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LIA130 Datasheet(HTML) 5 Page - Clare, Inc.

  LIA130 Datasheet HTML 1Page - Clare, Inc. LIA130 Datasheet HTML 2Page - Clare, Inc. LIA130 Datasheet HTML 3Page - Clare, Inc. LIA130 Datasheet HTML 4Page - Clare, Inc. LIA130 Datasheet HTML 5Page - Clare, Inc. LIA130 Datasheet HTML 6Page - Clare, Inc. LIA130 Datasheet HTML 7Page - Clare, Inc. LIA130 Datasheet HTML 8Page - Clare, Inc. LIA130 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LIA130
PRELIMINARY
5
R00C
A B
VCC = +5V
DC
VCC = +5V
DC
IF = 10 mA
IF = 0 mA (A)
IF = 10 mA (B)
VIN
0.47V
0.1 VPP
47
Ω
VOUT
VOUT
V
CM
10VP-P
R1
2.2k
Ω
RL
1
μf
+
_
Frequency Response
CMH and CML
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
Test Circuits (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com