Electronic Components Datasheet Search
  English  ▼

X  

19201 Datasheet(PDF) 1 Page - Clare, Inc.

Part # 19201
Description  Single Driver for GaAs FET Switches and Attenuators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

19201 Datasheet(HTML) 1 Page - Clare, Inc.

  19201 Datasheet HTML 1Page - Clare, Inc. 19201 Datasheet HTML 2Page - Clare, Inc. 19201 Datasheet HTML 3Page - Clare, Inc. 19201 Datasheet HTML 4Page - Clare, Inc. 19201 Datasheet HTML 5Page - Clare, Inc. 19201 Datasheet HTML 6Page - Clare, Inc. 19201 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MX856 / MX857
1
4/11/06
Drawing No. 19209
www.claremicronix.com
MX856 / MX857
Single Driver for GaAs FET
Switches and Attenuators
Features:
• CMOS Technology
• TTL/CMOS compatible inputs
• Low switching noise
• 5nS typical true / complement output skew
• 5nS typical output rise and fall times
• Up to 20V output voltage
• Output high voltage programmable via V
OPT
• Output low voltage programmable via V
EE
Applications
• Digital control of analog circuits
• Level shifting and amplification
• Circuit applications requiring complementary
signal generation with low skew
• Bias control for PIN diode drivers in a
microwave switch
Ordering Information – MX856
Part No.
Description
19202
MX856 Die / Wafer Form
19201
MX856 Die / Waffle Pack
19200-00
MX856 8 Lead SOIC
19241-00
MX856 SOIC on Tape & Reel
General Description
The MX856 and MX857 are high speed single
channel level shifters with complimentary output
drivers. The MX856 features a 5.0V VCC positive
supply, and the MX857 features a 3.3V VCC
positive supply.
The input buffers accept digital TTL or CMOS level
signals, amplifies them to the VCC and GND supply
rails, and generates complementary outputs. The
translator level shifts these output signals by
amplifying them to the VCC and VEE supply rails.
The output drivers then buffer the signals to VOPT
and VEE. VOPT may be set within the range of VCC
and GND. The output drivers also adjust the
complimentary signals for minimized skew error.
The MX856 and MX857 are designed to operate
over a temperature range of -40°C to +85°C, and
are available as die in wafer form, die in waffle
pack, 8 lead SOIC package, and SOIC on Tape
and Reel.
Ordering Information – MX857
Part No.
Description
19302
MX857 Die / Wafer Form
19301
MX857 Die / Waffle Pack
19300-00
MX857 8 Lead SOIC
19341-00
MX857 SOIC on Tape & Reel
Functional Block Diagram
8 Lead SOIC Configuration
VCC
GND
VCC
VEE
VOPT
VEE
input buffer
translator
output buffer
VCC
GND
IN
1
2
3
4
8
7
6
5
VCC
GND
OUT_B
OUT
IN
VEE
VOPT
GND
OUT
OUT_B


Similar Part No. - 19201

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
19201 BELDEN-19201 Datasheet
154Kb / 2P
Portable Cordage, (2) 12 AWG (65x30) BC, EPDM/Rubber, Type SO
05-05-2023
logo
Festo Corporation.
192010 FESTO-192010 Datasheet
86Kb / 1P
Plug
logo
Molex Electronics Ltd.
19201EV10M1 MOLEX11-19201EV10M1 Datasheet
46Kb / 2P
1.50mm Pitch NSCC, Wire-to-Wire, Receptacle Housing, Gray, 10 Circuits
More results

Similar Description - 19201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0109 MACOM-DR65-0109 Datasheet
213Kb / 2P
Single Driver for GaAs FET Switches and Attenuators
DR65-0109 MACOM-DR65-0109_1 Datasheet
149Kb / 2P
Single Driver for GaAs FET Switches and Attenuators
SWD-109 MACOM-SWD-109 Datasheet
151Kb / 4P
Single Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
DR65-0109 MA-COM-DR65-0109 Datasheet
68Kb / 3P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0005 MA-COM-MADRCC0005 Datasheet
68Kb / 3P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
Single Driver for GaAs FET Switches and Attenuators
SWD-109-PIN MA-COM-SWD-109-PIN Datasheet
84Kb / 4P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0005 MA-COM-MADRCC0005 Datasheet
68Kb / 3P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0005 MA-COM-MADRCC0005_15 Datasheet
563Kb / 4P
Single Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com