Electronic Components Datasheet Search
  English  ▼

X  

19201 Datasheet(PDF) 2 Page - Clare, Inc.

Part # 19201
Description  Single Driver for GaAs FET Switches and Attenuators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

19201 Datasheet(HTML) 2 Page - Clare, Inc.

  19201 Datasheet HTML 1Page - Clare, Inc. 19201 Datasheet HTML 2Page - Clare, Inc. 19201 Datasheet HTML 3Page - Clare, Inc. 19201 Datasheet HTML 4Page - Clare, Inc. 19201 Datasheet HTML 5Page - Clare, Inc. 19201 Datasheet HTML 6Page - Clare, Inc. 19201 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MX856 / MX857
2
4/11/06
Drawing No. 19209
www.claremicronix.com
MX856 / MX857
Absolute Maximum Ratings
SYMBOL
PARAMETER
MIN
MAX
UNITS
VCC
Positive DC Supply Voltage
-0.4
+6.0
V
VEE
Negative DC Supply Voltage
-17.0
+0.4
V
VOPT
Output Positive DC Supply Voltage
+6.0
V
VOPT -VEE
Output Positive to Negative Supply Voltage
-0.4
+20.0
V
VCC - VEE
Positive to Negative Supply Voltage
-0.4
+14.0
V
VCC -VOPT
Positive to Output Supply Voltage
-0.4
Vcc+0.4
V
VIN
DC Input Voltage
-0.4
VCC+0.4
V
IIN
DC Input Current
-10
+10
µA
TA
Ambient Operating Temperature
-40
+85
oC
TSTG
Storage Temperature
-65
+150
oC
ESD
ESD sensitivity (human body model)
1.0
kV
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause
permanent damage to the device. Functional operation of the device at these or any other conditions
beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the
device to the absolute maximum ratings for an extended period may degrade the device and affect
its reliability.
Guaranteed Operating Range
MX856 5.0V version
SYMBOL
PARAMETER
MIN
MAX
UNITS
VCC
Positive DC Supply Voltage
3.0
5.5
V
VEE
Negative DC Supply Voltage
-15.0
-4.5
V
VOPT
Output Positive DC Supply Voltage
0.0
5.5
V
VOPT -VEE
Output Positive to Negative Supply Voltage
7.5
20.0
V
VCC - VEE
Positive to Negative Supply Voltage
7.5
20.0
V
VCC -VOPT
Positive to Output Supply Voltage
0.0
VCC
V
TA
Ambient Operating Temperature
-40
+85
oC
TR, TF
Input Rise and Fall Time
0.0
500
nS
MX857B 3.3V version
SYMBOL
PARAMETER
MIN
MAX
UNITS
VCC
Positive DC Supply Voltage
3.0
3.6
V
VEE
Negative DC Supply Voltage
-17.0
-4.5
V
VOPT
Output Positive DC Supply Voltage
0.0
3.6
V
VOPT -VEE
Output Positive to Negative Supply Voltage
7.5
20.0
V
VCC - VEE
Positive to Negative Supply Voltage
7.5
20.0
V
VCC -VOPT
Positive to Output Supply Voltage
0.0
VCC
V
TA
Ambient Operating Temperature
-40
+85
oC
TR, TF
Input Rise and Fall Time
0.0
500
nS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com