Electronic Components Datasheet Search
  English  ▼

X  

ATR4251 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATR4251
Description  Low-noise, High-dynamic-range Antenna Amplifier IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4251 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATR4251 Datasheet HTML 13Page - ATMEL Corporation ATR4251 Datasheet HTML 14Page - ATMEL Corporation ATR4251 Datasheet HTML 15Page - ATMEL Corporation ATR4251 Datasheet HTML 16Page - ATMEL Corporation ATR4251 Datasheet HTML 17Page - ATMEL Corporation ATR4251 Datasheet HTML 18Page - ATMEL Corporation ATR4251 Datasheet HTML 19Page - ATMEL Corporation ATR4251 Datasheet HTML 20Page - ATMEL Corporation ATR4251 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
4913J–AUDR–10/09
ATR4251
12. Package Information
Figure 12-1. SSO20
11. Ordering Information
Extended Type Number
Package
Remarks
MOQ
ATR4251-TKSY
SSO20
Sticks
830 pieces
ATR4251-TKQY
SSO20
Taped and reeled
4000 pieces
ATR4251-PFQY
QFN24, 4 mm
× 4 mm
Taped and reeled
6000 pieces
ATR4251-PFPY
QFN24, 4 mm
× 4 mm
Taped and reeled
1500 pieces
Package: SSO20
Dimensions in mm
specifications
according to DIN
technical drawings
6.75-0.25
11
20
10
1
Issue: 1; 10.03.04
Drawing-No.: 6.543-5056.01-4
5.85±0.05
0.65±0.05
5.4±0.2
4.4±0.1
6.45±0.15
0.25±0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com