Electronic Components Datasheet Search
  English  ▼

X  

ATR4251 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR4251
Description  Low-noise, High-dynamic-range Antenna Amplifier IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4251 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR4251 Datasheet HTML 2Page - ATMEL Corporation ATR4251 Datasheet HTML 3Page - ATMEL Corporation ATR4251 Datasheet HTML 4Page - ATMEL Corporation ATR4251 Datasheet HTML 5Page - ATMEL Corporation ATR4251 Datasheet HTML 6Page - ATMEL Corporation ATR4251 Datasheet HTML 7Page - ATMEL Corporation ATR4251 Datasheet HTML 8Page - ATMEL Corporation ATR4251 Datasheet HTML 9Page - ATMEL Corporation ATR4251 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
4913J–AUDR–10/09
ATR4251
3.2
AM AGC
The IC is equipped with an AM AGC capability to prevent overdriving of the amplifier in case the
amplifier operates near strong antenna signal level, for example, transmitters.
The AM amplifier output AMOUT1 is applied to a resistive voltage divider. This divided signal is
applied to the AGC level detector input pin AGCAMIN. The rectified signal is compared against
an internal reference. The threshold of the AGC can be adjusted by adjusting the divider ratio of
the external voltage divider. If the threshold is reached, pin AGCAM opens an external transistor
which controls PIN diode currents and limits the antenna signal and thereby prevents overdriv-
ing the AM amplifier IC.
3.3
FM Amplifier
The FM amplifier is realized with a single NPN transistor. This allows use of an amplifier config-
uration optimized on the requirements. For low-cost applications, the common emitter
configuration provides good performance at reasonable bills of materials (BOM) cost
(1). For
high-end applications, common base configuration with lossless transformer feedback provides
a high IP3 and a low noise figure at reasonable current consumption(2). In both configurations,
gain, input, and output impedance can be adjusted by modification of external components.
The temperature compensated bias voltage (VREF1) for the base of the NPN transistor is
derived from an integrated band gap reference. The bias current of the FM amplifier is defined
by an external resistor.
Notes:
1. See test circuit (Figure 8-1 on page 11)
2. See application circuit (Figure 9-1 on page 12)
3.4
FM/TV AGC
The IC is equipped with an AGC capability to prevent overdriving the amplifier in cases when the
amplifier is operated with strong antenna signals (for example, near transmitters).
It is possible to realize an external TV antenna amplifier with integrated AGC and external RF
transistor. The bandwidth of the integrated AGC circuit is 900 MHz.
FM amplifier output FMOUT is connected to a capacitive voltage divider and the divided signal is
applied to the AGC level detector at pin AGCIN. This level detector input is optimized for low dis-
tortion. The rectified signal is compared against an internal reference. The threshold of the AGC
can be adjusted by adjusting the divider ratio of the external voltage divider. If the threshold is
reached, pin AGC1 opens an external transistor which controls the PIN diode current, this limits
the amplifier input signal level and prevents overdriving the FM amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com