Electronic Components Datasheet Search
  English  ▼

X  

AT34C02C Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT34C02C Datasheet HTML 4Page - ATMEL Corporation AT34C02C Datasheet HTML 5Page - ATMEL Corporation AT34C02C Datasheet HTML 6Page - ATMEL Corporation AT34C02C Datasheet HTML 7Page - ATMEL Corporation AT34C02C Datasheet HTML 8Page - ATMEL Corporation AT34C02C Datasheet HTML 9Page - ATMEL Corporation AT34C02C Datasheet HTML 10Page - ATMEL Corporation AT34C02C Datasheet HTML 11Page - ATMEL Corporation AT34C02C Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
5242B–SEEPR–01/09
AT34C02C
PERMANENT SOFTWARE WRITE PROTECTION: The software write protection is enabled by
sending a command, similar to a normal write command, to the device which programs the per-
manent write protect register. This must be done with the WP pin low. The write protect register
is programmed by sending a write command with the device address of 0110 instead of 1010
with the address and data bit being don’t cares (see Figure 7 on page 8). Once the software
write protection has been enabled, the device will no longer acknowledge the 0110 control byte.
The software write protection cannot be reversed even if the device is powered down. The write
cycle time must be observed.
REVERSIBLE SOFTWARE WRITE PROTECTION: The reversible software write protection is
enabled by sending a command, similar to a normal write command, to the device which pro-
grams the reversible write protect register. This must be done with the WP pin low. The write
protect register is programmed by sending a write command 01100010 with pins A2 and A1 tied
to ground or don't connect and pin A0 connected to VHV (see Figure 8). The reversible write
protection can be reversed by sending a command 01100110 with pin A2 tied to ground or no
connect, pin A1 tied to VCC and pin A0 tied to VHV (see Figure 9).
HARDWARE WRITE PROTECTION: The WP pin can be connected to V
CC, GND, or left float-
ing. Connecting the WP pin to V
CC will write protect the entire array, regardless of whether or not
the software write protection has been enabled. The software write protection register cannot be
programmed when the WP pin is connected to V
CC. If the WP pin is connected to GND or left
floating, the write protection mode is determined by the status of the software write protect
register.
Figure 7. Setting Permanent Write Protect Register (PSWP)
Figure 8. Setting Reversible Write Protect Register (RSWP)
Figure 9. Clearing Reversible Write Protect Register (RSWP)
S
T
A
R
T
S
T
O
P
SDA LINE
WORD
ADDRESS
DATA
CONTROL
BYTE
A
C
K
0 1 1 0 A2 A1 A0 0
A
C
K
A
C
K
= Don't Care
S
T
A
R
T
S
T
O
P
SDA LINE
WORD
ADDRESS
DATA
CONTROL
BYTE
A
C
K
01 1 0
0
A
C
K
A
C
K
1
00
= Don't Care
S
T
A
R
T
S
T
O
P
SDA LINE
WORD
ADDRESS
DATA
CONTROL
BYTE
A
C
K
01 1 0
0
A
C
K
A
C
K
1
01
= Don't Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com