Electronic Components Datasheet Search
  English  ▼

X  

ATmega644P Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATmega644P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644P Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATmega644P Datasheet HTML 59Page - ATMEL Corporation ATmega644P Datasheet HTML 60Page - ATMEL Corporation ATmega644P Datasheet HTML 61Page - ATMEL Corporation ATmega644P Datasheet HTML 62Page - ATMEL Corporation ATmega644P Datasheet HTML 63Page - ATMEL Corporation ATmega644P Datasheet HTML 64Page - ATMEL Corporation ATmega644P Datasheet HTML 65Page - ATMEL Corporation ATmega644P Datasheet HTML 66Page - ATMEL Corporation ATmega644P Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 377 page
background image
63
7674F–AVR–09/09
ATmega164P/324P/644P
When the BOOTRST Fuse is programmed and the Boot section size set to 8K bytes, the most
typical and general program setup for the Reset and Interrupt Vector Addresses is:
Address Labels Code
Comments
.org 0x0002
0x00002
jmp
EXT_INT0
; IRQ0 Handler
0x00004
jmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0x00036
jmp
SPM_RDY
; SPM Ready Handler
;
.org 0x1F000
0x1F000 RESET: ldi
r16,high(RAMEND); Main program start
0x1F001
out
SPH,r16
; Set Stack Pointer to top of RAM
0x1F002
ldi
r16,low(RAMEND)
0x1F003
out
SPL,r16
0x1F004
sei
; Enable interrupts
0x1F005
<instr>
xxx
When the BOOTRST Fuse is programmed, the Boot section size set to 8K bytes and the IVSEL
bit in the MCUCR Register is set before any interrupts are enabled, the most typical and general
program setup for the Reset and Interrupt Vector Addresses is:
Address Labels Code
Comments
;
.org 0x1F000
0x1F000
jmp
RESET
; Reset handler
0x1F002
jmp
EXT_INT0
; IRQ0 Handler
0x1F004
jmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0x1F036
jmp
SPM_RDY
; SPM Ready Handler
;
0x1F03E RESET: ldi
r16,high(RAMEND); Main program start
0x1F03F
out
SPH,r16
; Set Stack Pointer to top of RAM
0x1F040
ldi
r16,low(RAMEND)
0x1F041
out
SPL,r16
0x1F042
sei
; Enable interrupts
0x1FO43
<instr>
xxx
10.2.1
Moving Interrupts Between Application and Boot Space
The General Interrupt Control Register controls the placement of the Interrupt Vector table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com