Electronic Components Datasheet Search
  English  ▼

X  

ATmega644P Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATmega644P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644P Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATmega644P Datasheet HTML 58Page - ATMEL Corporation ATmega644P Datasheet HTML 59Page - ATMEL Corporation ATmega644P Datasheet HTML 60Page - ATMEL Corporation ATmega644P Datasheet HTML 61Page - ATMEL Corporation ATmega644P Datasheet HTML 62Page - ATMEL Corporation ATmega644P Datasheet HTML 63Page - ATMEL Corporation ATmega644P Datasheet HTML 64Page - ATMEL Corporation ATmega644P Datasheet HTML 65Page - ATMEL Corporation ATmega644P Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 377 page
background image
62
7674F–AVR–09/09
ATmega164P/324P/644P
When the BOOTRST Fuse is unprogrammed, the Boot section size set to 8K bytes and the
IVSEL bit in the MCUCR Register is set before any interrupts are enabled, the most typical and
general program setup for the Reset and Interrupt Vector Addresses is:
Address Labels Code
Comments
0x00000 RESET: ldi
r16,high(RAMEND); Main program start
0x00001
out
SPH,r16
; Set Stack Pointer to top of RAM
0x00002
ldi
r16,low(RAMEND)
0x00003
out
SPL,r16
0x00004
sei
; Enable interrupts
0x00005
<instr>
xxx
;
.org 0x1F002
0x1F002
jmp
EXT_INT0
; IRQ0 Handler
0x1F004
jmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0x1FO36
jmp
SPM_RDY
; SPM Ready Handler
0x0022
jmp
TIM0_COMPB
; Timer0 CompareB
0x0024
jmp
TIM0_OVF
; Timer0 Overflow
0x0026
jmp
SPI_STC
; SPI Transfer Complete
0x0028
jmp
USART0_RXC
; USART0 RX Complete
0x002A
jmp
USART0_UDRE
; USART0,UDR Empty
0x002C
jmp
USART0_TXC
; USART0 TX Complete
0x002E
jmp
ANA_COMP
; Analog Comparator
0x0030
jmp
ADC
; ADC Conversion Complete
0x0032
jmp
EE_RDY
; EEPROM Ready
0x0034
jmp
TWI
; 2-wire Serial
0x0036
jmp
SPM_RDY
; SPM Ready
0x0038
jmp
USART1_RXC
; USART1 RX Complete
0x003A
jmp
USART1_UDRE
; USART1,UDR Empty
0x003C
jmp
USART1_TXC
; USART1 TX Complete
;
0x003E
RESET:
ldi
r16,
high(RAMEND)
; Main program start
0x003F
out
SPH,r16
; Set Stack Pointer to
top of RAM
0x0040
ldi
r16,
low(RAMEND)
0x0041
out
SPL,r16
0x0042
sei
; Enable interrupts
0x0043
<instr>
xxx
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com