| Electronic Components Datasheet Search |
|
ATmega644P Datasheet(PDF) 111 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega644P Datasheet(HTML) 111 Page - ATMEL Corporation |
|
111 / 377 page ![]() 111 7674F–AVR–09/09 ATmega164P/324P/644P Figure 14-1. 16-bit Timer/Counter Block Diagram(Note:) Note: Refer to Figure 1-1 on page 2 and “Alternate Port Functions” on page 77 for Timer/Counter1 pin placement and description. 14.2.1 Registers The Timer/Counter (TCNTn), Output Compare Registers (OCRnA/B/C), and Input Capture Reg- ister (ICRn) are all 16-bit registers. Special procedures must be followed when accessing the 16-bit registers. These procedures are described in the section “Accessing 16-bit Registers” on page 112. The Timer/Counter Control Registers (TCCRnA/B/C) are 8-bit registers and have no CPU access restrictions. Interrupt requests (abbreviated to Int.Req. in the figure) signals are all visible in the Timer Interrupt Flag Register (TIFRn). All interrupts are individually masked with the Timer Interrupt Mask Register (TIMSKn). TIFRn and TIMSKn are not shown in the figure. The Timer/Counter can be clocked internally, via the prescaler, or by an external clock source on the Tn pin. The Clock Select logic block controls which clock source and edge the Timer/Counter uses to increment (or decrement) its value. The Timer/Counter is inactive when no clock source is selected. The output from the Clock Select logic is referred to as the timer clock (clk Tn). The double buffered Output Compare Registers (OCRnA/B/C) are compared with the Timer/Counter value at all time. The result of the compare can be used by the Waveform Gener- ator to generate a PWM or variable frequency output on the Output Compare pin (OCnA/B/C). Clock Select Timer/Counter OCRnA OCRnB ICRn = = TCNTn Waveform Generation Waveform Generation OCnA OCnB Noise Canceler ICPn = Fixed TOP Values Edge Detector Control Logic = 0 TOP BOTTOM Count Clear Direction TOVn (Int.Req.) OCnA (Int.Req.) OCnB (Int.Req.) ICFn (Int.Req.) TCCRnA TCCRnB ( From Analog Comparator Ouput ) Tn Edge Detector ( From Prescaler ) clk Tn |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |