Electronic Components Datasheet Search
  English  ▼

X  

ATmega644P Datasheet(PDF) 336 Page - ATMEL Corporation

Part # ATmega644P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644P Datasheet(HTML) 336 Page - ATMEL Corporation

Back Button ATmega644P Datasheet HTML 332Page - ATMEL Corporation ATmega644P Datasheet HTML 333Page - ATMEL Corporation ATmega644P Datasheet HTML 334Page - ATMEL Corporation ATmega644P Datasheet HTML 335Page - ATMEL Corporation ATmega644P Datasheet HTML 336Page - ATMEL Corporation ATmega644P Datasheet HTML 337Page - ATMEL Corporation ATmega644P Datasheet HTML 338Page - ATMEL Corporation ATmega644P Datasheet HTML 339Page - ATMEL Corporation ATmega644P Datasheet HTML 340Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 377 page
background image
336
7674F–AVR–09/09
ATmega164P/324P/644P
26.7
ADC Characteristics
Notes:
1. On ATmega644P, offset gain and TUE will be higher if not using idle mode.
Table 26-8.
ADC Characteristics, Single Ended Channel
Symbol
Parameter
Condition
Min(1)
Typ(1)
Max(1)
Units
Resolution
Single Ended Conversion
10
Bits
TUE
Absolute accuracy (Including
INL, DNL, quantization error,
gain and offset error)
Single Ended
Conversion(1)
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
2.5
4
LSB
Single Ended Conversion
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
Noise Reduction Mode
2.5
4
INL
Integral Non-Linearity
Single Ended Conversion
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
0.5
1.5
DNL
Differential Non-Linearity
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
0.3
0.7
Gain Error
Single Ended
Conversion(1)
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
-4
-2
4
Offset Error
Single Ended
Conversion(1)
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
-4
2
4
Conversion Time
Free Running Conversion
65
260
µs
Clock Frequency
Single Ended Conversion
50
200
kHz
AVCC
Analog Supply Voltage
VCC - 0.3
VCC + 0.3
V
VREF
Reference Voltage
1.0
AVCC
V
V
IN
Input Voltage
GND
V
REF
V
VINT1
Internal Voltage Reference
1.1V
1.0
1.1
1.2
V
VINT2
Internal Voltage Reference
2.56V
2.33
2.56
2.79
V
RREF
Reference Input Resistance
30
k
Ω
RAIN
Analog Input Resistance
100
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com