Electronic Components Datasheet Search
  English  ▼

X  

ATmega644P Datasheet(PDF) 363 Page - ATMEL Corporation

Part # ATmega644P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644P Datasheet(HTML) 363 Page - ATMEL Corporation

Back Button ATmega644P Datasheet HTML 359Page - ATMEL Corporation ATmega644P Datasheet HTML 360Page - ATMEL Corporation ATmega644P Datasheet HTML 361Page - ATMEL Corporation ATmega644P Datasheet HTML 362Page - ATMEL Corporation ATmega644P Datasheet HTML 363Page - ATMEL Corporation ATmega644P Datasheet HTML 364Page - ATMEL Corporation ATmega644P Datasheet HTML 365Page - ATMEL Corporation ATmega644P Datasheet HTML 366Page - ATMEL Corporation ATmega644P Datasheet HTML 367Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 377 page
background image
363
7674F–AVR–09/09
ATmega164P/324P/644P
30. Ordering Information
30.1
ATmega164P
Notes:
1. Green and Rohs packaging
2. Tape & Reel with Dry-pack delivery
3. For Speed vs. V
CC see “Speed Grades” on page 330
30.2
ATmega324P
Notes:
1. Green and Rohs packaging
2. Tape & Reel with Dry-pack delivery
3. For Speed vs. VCC see “Speed Grades” on page 330
30.3
ATmega644P
Notes:
1. Green and Rohs packaging
2. Tape & Reel with Dry-pack delivery
3. For Speed vs. VCC see “Speed Grades” on page 330.
Speed (MHz)(3)
Power Supply
Ordering Code
Package(1)
Operational Range
8-16
2.7 - 5.5V
ATmega164P-A15AZ(2)
ML
-40°C to +125°C
8-16
2.7 - 5.5V
ATmega164P-A15MZ(2)
PW
-40°C to +125°C
Package Type
ML
44-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
PW
44-pad, 7 x 7 x 1.0 mm body, lead pitch 0.50 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
Speed (MHz)(3)
Power Supply
Ordering Code
Package(1)
Operational Range
8-16
2.7 - 5.5V
ATmega324P-A15AZ(2)
ML
-40°C to +125°C
8-16
2.7 - 5.5V
ATmega324P-A15MZ(2)
PW
-40°C to +125°C
Package Type
ML
44-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
PW
44-pad, 7 x 7 x 1.0 mm body, lead pitch 0.50 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
Speed (MHz)(3)
Power Supply
Ordering Code
Package(1)
Operational Range
8-16
2.7 - 5.5V
ATmega644P-A15AZ(2)
ML
-40°C to +125°C
8-16
2.7 - 5.5V
ATmega644P-A15MZ(2)
PW
-40°C to +125°C
Package Type
ML
44-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
PW
44-pad, 7 x 7 x 1.0 mm body, lead pitch 0.50 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com