Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 205 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 205 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 201Page - ATMEL Corporation ATmega16U4 Datasheet HTML 202Page - ATMEL Corporation ATmega16U4 Datasheet HTML 203Page - ATMEL Corporation ATmega16U4 Datasheet HTML 204Page - ATMEL Corporation ATmega16U4 Datasheet HTML 205Page - ATMEL Corporation ATmega16U4 Datasheet HTML 206Page - ATMEL Corporation ATmega16U4 Datasheet HTML 207Page - ATMEL Corporation ATmega16U4 Datasheet HTML 208Page - ATMEL Corporation ATmega16U4 Datasheet HTML 209Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 408 page
background image
205
7766D–AVR–01/09
ATmega16U4/ATmega32U4
18.9.1
Receiver Flow Control
The reception flow can be controlled by hardware using the RTS pin. The aim of the flow control
is to inform the external transmitter when the internal receive Fifo is full. Thus the transmitter can
stop sending characters. RTS usage and so associated flow control is enabled using RTSEN bit
in UCSRnD.
Figure 5. shows a reception example.
Figure 5. Reception Flow Control Waveform Example
Figure 6. RTS behavior
RTS will rise at 2/3 of the last received stop bit if the receive fifo is full.
To ensure reliable transmissions, even after a RTS rise, an extra-data can still be received and
stored in the Receive Shift Register.
18.9.2
Transmission Flow Control
The transmission flow can be controlled by hardware using the CTS pin controlled by the exter-
nal receiver. The aim of the flow control is to stop transmission when the receiver is full of data
(CTS = 1). CTS usage and so associated flow control is enabled using CTSEN bit in UCSRnD.
The CTS pin is sampled at each CPU write and at the middle of the last stop bit that is cur-
rently being sent.
Figure 7. CTS behavior
RTS
RXD
C1 C2
0
1
2
FIFO
1
CPU Read
Index
C3
1
0
RTS
RXD
Start
Byte0
Stop
Start
Byte1
Stop
Read from CPU
Start
Byte2
1 additional byte may be sent
if the transmitter misses the RTS trig
CTS
TXD
Start
Byte0
Stop
Start
Byte1
Stop
Start
Byte2
sample
sample
Write from CPU
sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com