Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 210 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 210 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 206Page - ATMEL Corporation ATmega16U4 Datasheet HTML 207Page - ATMEL Corporation ATmega16U4 Datasheet HTML 208Page - ATMEL Corporation ATmega16U4 Datasheet HTML 209Page - ATMEL Corporation ATmega16U4 Datasheet HTML 210Page - ATMEL Corporation ATmega16U4 Datasheet HTML 211Page - ATMEL Corporation ATmega16U4 Datasheet HTML 212Page - ATMEL Corporation ATmega16U4 Datasheet HTML 213Page - ATMEL Corporation ATmega16U4 Datasheet HTML 214Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 408 page
background image
210
7766D–AVR–01/09
ATmega16U4/ATmega32U4
18.10.5
USART Control and Status Register n D– UCSRnD
• Bits 7:2 – Reserved bits
These bits are reserved and will be read as ‘0’. Do not set these bits.
• Bits 1 – CTSEN: UART CTS Signal Enable
Set this bit by firmware to enable the transmission flow control signal (CTS). Transmission will
be enabled only if CTS input = 0. Clear this bit to disable the transmission flow control signal.
Transmission will occur without hardware condition. Data Direction Register bit must be correctly
clear to enable the pin as an input.
• Bits 0 – RTSEN: UART RTS Signal Enable
Set this bit by firmware to enable the reception flow control signal (RTS). In this case the RTS
line will automatically rise when the FIFO is full. Clear this bit to disable the reception flow control
signal. Data Direction Register bit must be correctly set to enable the pin as an output.
18.10.6
USART Baud Rate Registers – UBRRLn and UBRRHn
• Bit 15:12 – Reserved Bits
These bits are reserved for future use. For compatibility with future devices, these bit must be
written to zero when UBRRH is written.
• Bit 11:0 – UBRR11:0: USART Baud Rate Register
This is a 12-bit register which contains the USART baud rate. The UBRRH contains the four
most significant bits, and the UBRRL contains the eight least significant bits of the USART baud
rate. Ongoing transmissions by the Transmitter and Receiver will be corrupted if the baud rate is
changed. Writing UBRRL will trigger an immediate update of the baud rate prescaler.
18.11 Examples of Baud Rate Setting
For standard crystal and resonator frequencies, the most commonly used baud rates for asyn-
chronous operation can be generated by using the UBRR settings in Table 18-9 to Table 18-12.
UBRR values which yield an actual baud rate differing less than 0.5% from the target baud rate,
are bold in the table. Higher error ratings are acceptable, but the Receiver will have less noise
Bit
7
6
5
4
3
2
1
0
–
–
–
–
–
–
CTSEN
RTSEN
UCSRnD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
151413
121110
9
8
––––
UBRR[11:8]
UBRRHn
UBRR[7:0]
UBRRLn
7654
32
1
0
Read/Write
RRRR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
00
0
0
0000
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com