Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 303 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 303 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 299Page - ATMEL Corporation ATmega16U4 Datasheet HTML 300Page - ATMEL Corporation ATmega16U4 Datasheet HTML 301Page - ATMEL Corporation ATmega16U4 Datasheet HTML 302Page - ATMEL Corporation ATmega16U4 Datasheet HTML 303Page - ATMEL Corporation ATmega16U4 Datasheet HTML 304Page - ATMEL Corporation ATmega16U4 Datasheet HTML 305Page - ATMEL Corporation ATmega16U4 Datasheet HTML 306Page - ATMEL Corporation ATmega16U4 Datasheet HTML 307Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 408 page
background image
303
7766D–AVR–01/09
ATmega16U4/ATmega32U4
Figure 24-9. Analog Input Circuitry
24.7.2
Analog Noise Canceling Techniques
Digital circuitry inside and outside the device generates EMI which might affect the accuracy of
analog measurements. If conversion accuracy is critical, the noise level can be reduced by
applying the following techniques:
a.
Keep analog signal paths as short as possible. Make sure analog tracks run over
the analog ground plane, and keep them well away from high-speed switching digi-
tal tracks.
b.
The AV
CC pin on the device should be connected to the digital VCC supply voltage
via an LC network as shown in Figure 24-10.
c.
Use the ADC noise canceler function to reduce induced noise from the CPU.
d.
If any ADC port pins are used as digital outputs, it is essential that these do not
switch while a conversion is in progress.
Figure 24-10. ADC Power Connections
Note:
The same circuitry should be used for AVCC filtering on the ADC8-ADC13 side
ADCn
IIH
1..100 k
Ω
CS/H= 14 pF
VCC/2
IIL
VCC
GND
100nF
Analog Ground Plane
(ADC0) PF0
(ADC7) PF7
(ADC1) PF1
(ADC4) PF4
(ADC5) PF5
(ADC6) PF6
AREF
GND
AVCC
34
35
36
37
38
39
40
41
42
43
44
1
10µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com