Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 301 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 301 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 297Page - ATMEL Corporation ATmega16U4 Datasheet HTML 298Page - ATMEL Corporation ATmega16U4 Datasheet HTML 299Page - ATMEL Corporation ATmega16U4 Datasheet HTML 300Page - ATMEL Corporation ATmega16U4 Datasheet HTML 301Page - ATMEL Corporation ATmega16U4 Datasheet HTML 302Page - ATMEL Corporation ATmega16U4 Datasheet HTML 303Page - ATMEL Corporation ATmega16U4 Datasheet HTML 304Page - ATMEL Corporation ATmega16U4 Datasheet HTML 305Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 408 page
background image
301
7766D–AVR–01/09
ATmega16U4/ATmega32U4
The temperature sensor and its internal driver are enabled when ADMUX value selects the tem-
perature sensor as ADC input. The propagation delay of this driver is approximatively 2µS.
Therefore two successive conversions are required. The correct temperature measurement will
be the second one.
One can also reduce this timing to one conversion by setting the ADMUX during the previous
conversion. Indeed the ADMUX can be programmed to select the temperature sensor just after
the beginning of the previous conversion start event and then the driver will be enabled 2 µS
before sampling and hold phase of temperature sensor measurement.
24.6.1
Sensor Calibration
The sensor initial tolerance is large (+/-10°C), but its characteristic is linear. Thus, if the applica-
tion requires accuracy, the firmware must include a calibration stage to use the sensor for direct
temperature measurement.
Another application of this sensor may concern the Internal Calibrated RC Oscillator, whose the
frequency can be adjusted by the user through the OSCCAL register (see Section 6.5.1 ”Oscilla-
tor Calibration Register – OSCCAL” on page 32). During the production, a calibration is done at
two temperatures (+25°C and +85°C, with a tolerance of +/-10°C
(1)). At each temperature, the
temperature sensor value T
i is measured and stored in EEPROM memory
(2), and the OSCCAL
calibration value O
i (i.e. the value that should be set in OSCCAL register at this temperature to
have an accurate 8MHz output) is stored in another memory zone.
Thanks to these four values and the linear characteristics of the temperature sensor and Internal
RC Oscillator, firmware can easily recalibrate the RC Oscillator on-the-go in function of the tem-
perature sensor measure
(3) (an application note describes the operation):
Figure 24-8. Linear Characterization of OSCCAL in function of T° measurement from ADC
Notes:
1. The temperature sensor calibration values cannot be used to do accurate temperature mea-
surements since the calibration temperature during production is not accurate (+/- 10°C)
2. Be aware that if EESAVE fuse is left unprogrammed, any chip erase operation will
clear the temperature sensor calibration values contained in EEPROM memory.
3.
Accuracy results after a software recalibration of OSCCAL in function of T° will be
given when device will be fully characterized.
24.7
ADC Noise Canceler
The ADC features a noise canceler that enables conversion during sleep mode to reduce noise
induced from the CPU core and other I/O peripherals. The noise canceler can be used with ADC
OSCCAL
T(ADC
O1
O2
T1
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com