Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 396 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 396 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 392Page - ATMEL Corporation ATmega16U4 Datasheet HTML 393Page - ATMEL Corporation ATmega16U4 Datasheet HTML 394Page - ATMEL Corporation ATmega16U4 Datasheet HTML 395Page - ATMEL Corporation ATmega16U4 Datasheet HTML 396Page - ATMEL Corporation ATmega16U4 Datasheet HTML 397Page - ATMEL Corporation ATmega16U4 Datasheet HTML 398Page - ATMEL Corporation ATmega16U4 Datasheet HTML 399Page - ATMEL Corporation ATmega16U4 Datasheet HTML 400Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 408 page
background image
396
7766D–AVR–01/09
ATmega16U4/ATmega32U4
32.2
ATmega32U4
Speed (MHz)
Power Supply
Ordering Code
Package
Operation Range
16
2.7 - 5.5
ATmega32U4-AU
44ML
Industrial (-40° to +85°C)
ATmega32U4-MU
44PW
Package Type
44ML
ML, 44 - Lead, 10 x 10 mm Body Size, 1.0 mm Body Thickness
0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
44PW
PW, 44 - Lead 7.0 x 7.0 mm Body, 0.50 mm Pitch
Quad Flat No Lead Package (QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com