Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 404 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 404 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 400Page - ATMEL Corporation ATmega16U4 Datasheet HTML 401Page - ATMEL Corporation ATmega16U4 Datasheet HTML 402Page - ATMEL Corporation ATmega16U4 Datasheet HTML 403Page - ATMEL Corporation ATmega16U4 Datasheet HTML 404Page - ATMEL Corporation ATmega16U4 Datasheet HTML 405Page - ATMEL Corporation ATmega16U4 Datasheet HTML 406Page - ATMEL Corporation ATmega16U4 Datasheet HTML 407Page - ATMEL Corporation ATmega16U4 Datasheet HTML 408Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 404 / 408 page
background image
404
7766D–AVR–01/09
ATmega16U4/ATmega32U4
18.5 Data Transmission – The USART Transmitter ...................................................194
18.6 Data Reception – The USART Receiver ............................................................196
18.7 Asynchronous Data Reception ...........................................................................200
18.8 Multi-processor Communication Mode ...............................................................203
18.9 Hardware Flow Control .......................................................................................204
18.10 USART Register Description ............................................................................206
18.11 Examples of Baud Rate Setting ........................................................................210
19
USART in SPI Mode ............................................................................. 215
19.1 Overview .............................................................................................................215
19.2 Clock Generation ................................................................................................215
19.3 SPI Data Modes and Timing ...............................................................................216
19.4 Frame Formats ...................................................................................................216
19.5 Data Transfer ......................................................................................................218
19.6 USART MSPIM Register Description .................................................................220
19.7 AVR USART MSPIM vs. AVR SPI .....................................................................222
20
2-wire Serial Interface .......................................................................... 224
20.1 Features .............................................................................................................224
20.2 2-wire Serial Interface Bus Definition .................................................................224
20.3 Data Transfer and Frame Format .......................................................................225
20.4 Multi-master Bus Systems, Arbitration and Synchronization ..............................228
20.5 Overview of the TWI Module ..............................................................................229
20.6 TWI Register Description ....................................................................................232
20.7 Using the TWI .....................................................................................................235
20.8 Transmission Modes ..........................................................................................239
20.9 Multi-master Systems and Arbitration .................................................................252
21
USB controller ...................................................................................... 254
21.1 Features .............................................................................................................254
21.2 Block Diagram ....................................................................................................254
21.3 Typical Application Implementation ....................................................................255
21.4 General Operating Modes ..................................................................................258
21.5 Power modes ......................................................................................................260
21.6 Speed Control .....................................................................................................261
21.7 Memory management .........................................................................................261
21.8 PAD suspend ......................................................................................................262
21.9 Plug-in detection .................................................................................................263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com