Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 403 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 403 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 399Page - ATMEL Corporation ATmega16U4 Datasheet HTML 400Page - ATMEL Corporation ATmega16U4 Datasheet HTML 401Page - ATMEL Corporation ATmega16U4 Datasheet HTML 402Page - ATMEL Corporation ATmega16U4 Datasheet HTML 403Page - ATMEL Corporation ATmega16U4 Datasheet HTML 404Page - ATMEL Corporation ATmega16U4 Datasheet HTML 405Page - ATMEL Corporation ATmega16U4 Datasheet HTML 406Page - ATMEL Corporation ATmega16U4 Datasheet HTML 407Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 408 page
background image
403
7766D–AVR–01/09
ATmega16U4/ATmega32U4
14
16-bit Timers/Counters (Timer/Counter1 and Timer/Counter3) ....... 107
14.1 Overview .............................................................................................................107
14.2 Accessing 16-bit Registers .................................................................................109
14.3 Timer/Counter Clock Sources ............................................................................112
14.4 Counter Unit .......................................................................................................112
14.5 Input Capture Unit ..............................................................................................114
14.6 Output Compare Units ........................................................................................116
14.7 Compare Match Output Unit ...............................................................................117
14.8 Modes of Operation ............................................................................................119
14.9 Timer/Counter Timing Diagrams ........................................................................126
14.10 16-bit Timer/Counter Register Description .......................................................128
15
10-bit High Speed Timer/Counter4 ..................................................... 139
15.1 Features .............................................................................................................139
15.2 Overview .............................................................................................................139
15.3 Counter Unit .......................................................................................................143
15.4 Output Compare Unit ..........................................................................................144
15.5 Dead Time Generator .........................................................................................146
15.6 Compare Match Output Unit ...............................................................................147
15.7 Synchronous update ...........................................................................................150
15.8 Modes of Operation ............................................................................................150
15.9 Timer/Counter Timing Diagrams ........................................................................157
15.10 Fault Protection Unit .........................................................................................158
15.11 Accessing 10-Bit Registers ...............................................................................160
15.12 Register Description .........................................................................................163
16
Output Compare Modulator (OCM1C0A) ........................................... 176
16.1 Overview .............................................................................................................176
16.2 Description ..........................................................................................................176
17
Serial Peripheral Interface – SPI ......................................................... 178
17.1 SS Pin Functionality ...........................................................................................182
17.2 Data Modes ........................................................................................................185
18
USART ................................................................................................... 187
18.1 Overview .............................................................................................................187
18.2 Clock Generation ................................................................................................188
18.3 Frame Formats ...................................................................................................191
18.4 USART Initialization ............................................................................................193



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com