Electronic Components Datasheet Search
  English  ▼

X  

980VG0C Datasheet(PDF) 1 Page - HB Electronic Components

Part # 980VG0C
Description  FLUX LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

980VG0C Datasheet(HTML) 1 Page - HB Electronic Components

  980VG0C Datasheet HTML 1Page - HB Electronic Components 980VG0C Datasheet HTML 2Page - HB Electronic Components 980VG0C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No.:980VG0C
Page: 1 of 3
FLUX LED SPECIFICATION
Features:
Single color
High Luminous Flux output
High Current Operation
Low power consumption
High reliability and long life
Descriptions:
Dice material: InGaN
Emitting Color:Super Bright BlueGreen
Device Outline:7.62mmX7.62mm
Lens Type:Water Clear
NOTE:
All dimensions are millimetres.
Tolerance is +/-0.25mm unless otherwise
CATHODE
? 3.0± 0.2
1.5mm
0.5
0
90°
60°
1.0
Ta=25° C
IF=20mA
30°
0°
0.5
0°
30°
60°
90°
1.0
DIRECTIVITY
Radiation Angle


Similar Part No. - 980VG0C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
980VG2C HB-980VG2C Datasheet
86Kb / 3P
LED
More results

Similar Description - 980VG0C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
913MY8C HB-913MY8C Datasheet
609Kb / 9P
FLUX LED
940LB7C HB-940LB7C Datasheet
662Kb / 9P
FLUX LED
940MW7C HB-940MW7C Datasheet
810Kb / 10P
FLUX LED
940MY8C HB-940MY8C Datasheet
660Kb / 9P
FLUX LED
980LB7C HB-980LB7C Datasheet
603Kb / 9P
FLUX LED
980MY8C HB-980MY8C Datasheet
605Kb / 9P
FLUX LED
980PB6C HB-980PB6C Datasheet
648Kb / 9P
FLUX LED
logo
Ningbo Foryard Optoelec...
FYLF-1870UR1C FORYARD-FYLF-1870UR1C_15 Datasheet
416Kb / 7P
Flux LED
FYLF-1870UW1C FORYARD-FYLF-1870UW1C_15 Datasheet
416Kb / 7P
Flux LED
FYLF-1870UY1C FORYARD-FYLF-1870UY1C_15 Datasheet
416Kb / 7P
Flux LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com