Electronic Components Datasheet Search
  English  ▼

X  

980VG0C Datasheet(PDF) 2 Page - HB Electronic Components

Part # 980VG0C
Description  FLUX LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

980VG0C Datasheet(HTML) 2 Page - HB Electronic Components

  980VG0C Datasheet HTML 1Page - HB Electronic Components 980VG0C Datasheet HTML 2Page - HB Electronic Components 980VG0C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No.:980VG0C
Page: 2 of 3
FLUX LED SPECIFICATION
Absolute maximum ratings(Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Max.
Unit
Reverse Voltage
VR
IR = 30μA
5
----
V
Forward Current
IF
----
----
50
mA
Power Dissipation
Pd
----
----
210
mW
Pulse Current
Ipeak
Duty=0.1mS,1kHz
----
150
mA
Operating Temperature
Topr
----
-40
+85
℃
Storage
Temperature
Tstr
----
-40
+100
℃
Electrical and optical characteristics (Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF =30mA
----
3.4
4.0
V
Reverse Current
IR
VR =5V
----
----
30
μA
Dominate Wavelength
λd
IF =30mA
----
505
----
nm
Peak Wavelength
λp
IF =30mA
----
500
----
nm
Spectral Line half-width
Δλ
IF =30mA
----
35
----
nm
Luminous Flux
φv
IF =30mA
2.2
----
3.6
lm
Viewing Angle
2θ1/2
IF =30mA
70
----
80
Deg.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com